Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2941T5-L Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2941T5-L
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941T5-L Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2941T5-L Datasheet HTML 1Page - Sipex Corporation SPX2941T5-L Datasheet HTML 2Page - Sipex Corporation SPX2941T5-L Datasheet HTML 3Page - Sipex Corporation SPX2941T5-L Datasheet HTML 4Page - Sipex Corporation SPX2941T5-L Datasheet HTML 5Page - Sipex Corporation SPX2941T5-L Datasheet HTML 6Page - Sipex Corporation SPX2941T5-L Datasheet HTML 7Page - Sipex Corporation SPX2941T5-L Datasheet HTML 8Page - Sipex Corporation SPX2941T5-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image

Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
SPX2941
Solved by
TM
1A Low Dropout Voltage Regulator
DESCRIPTION
FEATURES
Adjustable Output Down To 1.25V
Low Quiescent Current
Guaranteed 1.5A Peak Output Current
Low Dropout Voltage of 280mV @ 1A
Extremely Tight Load and Line
Regulation
Extremely Fast Transient Response
Reverse-battery Protection
Internal Thermal and Current Limit
Protection
Zero Current Shutdown
Standard TO-220 and TO-263
packages
Figure 1. Adjustable Output Linear Regulator
The SPX2941 is a 1A, accurate voltage regulator with a low drop out voltage of 280mV(typ.) at
1A. These regulators are specifically designed for low voltage applications that require a low
dropout voltage and a fast transient response. They are fully fault protected against over-current,
reverse battery, and positive and negative voltage transients. The SPX2941 is offered in 5-pin
TO-220 & TO-263 packages. For a 3A version, refer to the SPX29300 data sheet.
SPX2941
V
OUT
V
IN
GND
ADJ
4
2
3
5
1
R1
R2
10 F
6.8 F
+
+
EN
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging
APPLICATIONS
Powering VGA & Sound Card
LCD Monitors
USB Power Supply
Power PC Supplies
SMPS Post-Regulator
High Efficiency Linear Power Supplies
Battery Charger
Portable Instrumentation
Constant Current Regulators
Adjustable Power Supplies
1 2 3 4 5
SPX2941
5 Pin TO-263
Adjustable Output, Fast Response


Similar Part No. - SPX2941T5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941T5 SIPEX-SPX2941T5 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
SPX2941T5 SIPEX-SPX2941T5 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5 SIPEX-SPX2941T5 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5/TR SIPEX-SPX2941T5/TR Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5/TR SIPEX-SPX2941T5/TR Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
More results

Similar Description - SPX2941T5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Sipex Corporation
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com