Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1582T5-L-TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1582T5-L-TR
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582T5-L-TR Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1582T5-L-TR Datasheet HTML 1Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 2Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 3Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 4Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 5Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 6Page - Sipex Corporation SPX1582T5-L-TR Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jun 17-06 Rev F
SPX1582 3A Ultra Low Dropout Voltage Regulator
© 2006 Sipex Corporation
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VREF
VOLTAGE
REGULATION
AMPLIFIER
LIMIT
SENSE
(4) VCTRL
VIN (5)
VOUT (3)
SENSE (1)
ADJ (2)
PIN NUMBER
PIN NAME
DESCRIPTION
1
SENSE
Allows Kelvin sense of VOUT at the load. (Positive side of the
reference voltage of the device).
2
ADJ
Negative side of the reference voltage for the device. Adding a small
bypass capacitor from the ADJ pin to ground will improve the transient
response.
3
VOUT
Power output of the device.
4
VCTRL
Supply pin for the control circuitry of the device. The current flow into this
pin will be about 1% of the output current. VCTRL must be between 1.0V
and 1.3V greater than the output voltage for the device to regulate.
5
VIN
Output load current is supplied through this pin. VIN must be between 0.1V
and 0.8V greater than the output voltage for this device to regulate.
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
Note that TAB is internally connected to Pin 3.


Similar Part No. - SPX1582T5-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582T5-1-5 SIPEX-SPX1582T5-1-5 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582T5-1-5 EXAR-SPX1582T5-1-5 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T5-1-5/TR SIPEX-SPX1582T5-1-5/TR Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582T5-1-5/TR EXAR-SPX1582T5-1-5/TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T5-1-8 SIPEX-SPX1582T5-1-8 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
More results

Similar Description - SPX1582T5-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com