Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP317V2-L-TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP317V2-L-TR
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317V2-L-TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP317V2-L-TR Datasheet HTML 5Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 6Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 7Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 8Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 9Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 10Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 11Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 12Page - Sipex Corporation SP317V2-L-TR Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0
Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Mechanical Dimensions (continued)
TO-220
Unit: mm(inch)
3.60(0.0)
.60(0.06)
0.3(0.032)
.763(0.3)
2.0(0.00)
0.36(0.0)
2.00(0.02)
3
7
3.60(0.0)
7
.660(0.30)
0.0(0.022)
60
0.3(0.0)
2.0(0.02)
60
.00(0.0)
0.200(0.00)
2.0(0.00)
0.3(0.0)
0.06(0.06)
3.30(0.33)
0.660(0.20)
.060(0.60)
.30(0.03)
.20(0.0)
2.0(0.3)
.760(0.06)
PAckAge: 3 Pin TO-220


Similar Part No. - SP317V2-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP317V2-L/TR SIPEX-SP317V2-L/TR Datasheet
438Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
More results

Similar Description - SP317V2-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com