Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1420IL28-0A Datasheet(PDF) 6 Page - Exar Corporation

Part # XR21B1420IL28-0A
Description  Enhanced 1-Ch Full-Speed USB UART
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1420IL28-0A Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR21B1420IL28-0A Datasheet HTML 2Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 3Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 4Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 5Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 6Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 7Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 8Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 9Page - Exar Corporation XR21B1420IL28-0A Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
© 2014 Exar Corporation
XR21B1420
6 / 60
exar.com/XR21B1420
Rev 1A
Functional Block Diagram
USB Slave Interface
512-byte
TX FIFO
GPIOs/
ModemIO
TX
Internal
Oscillator
(48MHz)
USBD+
USBD-
512-byte
RX FIFO
GPIO9/RXT
GPIO8/TXT
GPIO7/RS485
GPIO6/CLK
GPIO5/RTS#/RS485
GPIO4/CTS#
GPIO3/DTR#
GPIO2/DSR#
GPIO1/CD#
GPIO0/RI#/RWK#
UART
Fractional
BRG
Internal
Status and
Control
Registers
VCC_REG
GND
OTP
USB
Descriptors
LDO
3V3
VCC
VBUS_SENSE
RESET#
RX
USB_STAT1
USB_STAT2


Similar Part No. - XR21B1420IL28-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1420IL28-F EXAR-XR21B1420IL28-F Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
More results

Similar Description - XR21B1420IL28-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com