Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1411IL16-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XR21B1411IL16-F
Description  ENHANCED 1-CH FULL-SPEED USB UART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1411IL16-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR21B1411IL16-F Datasheet HTML 3Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 4Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 5Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 6Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 7Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 8Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 9Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 10Page - Exar Corporation XR21B1411IL16-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
XR21B1411
7
REV. 1.2.0
ENHANCED 1-CH FULL-SPEED USB UART
FIGURE 4. WIDE MODE RECEIVE DATA FORMAT
1st byte
2nd byte
9 bit m ode
7
6
5
4
3
2
1
0
x
x
x
x
O F B P
1st byte
B = Break
F = Fram ing Error
O = O verrun Error
2nd byte
7 or 8 bit m ode
P = Parity Error (= ‘0’ if not enabled)
7 = ‘0’ in 7 bit m ode
x = ‘0’
7
6
5
4
3
2
1
0
x
x
x
x
O F B 8B = Break
F = Fram ing Error
O = O verrun Error
x = ‘0’
Error flags are also available from the ERROR_STATUS register and the interrupt packet, however these flags
are historical flags indicating that an error has occurred since the previous request. Therefore, no conclusion
can be drawn as to which specific byte(s) may have contained an actual error in this manner.
1.3.3
Rx FIFO Low Latency
In normal operation all bulk-in transfers will be of maxPacketSize (64) bytes to improve throughput and to
minimize host processing. When there are 64 bytes of data in the RX FIFO, the B1411 will acknowledge a
bulk-in request from the host and transfer the data packet. If there is less than 64 bytes in the RX FIFO, the
B1411 may NAK the bulk-in request indicating that data is not ready to transfer at that time. However, if there
is less than 64 bytes in the RX FIFO and no data has been received for more than 3 character times, the B1411
will acknowledge the bulk-in request and transfer any data in the RX FIFO to the USB host.
In some cases, especially when the baud rate is low, this increases latency unacceptably. The B1411 has a
low latency register bit that will cause the B1411 to immediately transfer any received data in the RX FIFO to
the USB host, i.e. it will not wait for 3 character times. The custom driver can automatically set the
RX_FIFO_LOW_LATENCY register bit to force the B1411 to be in the low latency mode, or the user may
manually set this bit. With the CDC-ACM driver, the low latency mode is automatically set whenever the baud
rate is set to a value of less than 40961 bps using the CDC_ACM_IF_SET_LINE_CODING command.
1.3.4
GPIO
The UART has 6 GPIOs. By hardware default the GPIOs are configured as inputs but may be modified by a
custom driver. However, they can also be configured to add additional features such as Auto RTS/CTS Flow
control, Auto DTR/DSR Flow Control or auto RS-485 half duplex control. Both GPIO modes 3 and 4 may be
used to automatically assert GPIO5 as auto RS-485 half duplex control. See Table 7 for the register control
and details of GPIO modes. Note that settings in the GPIO mode register should coordinate with settings in
the Flow Control mode register described in “Section 1.3.5, Flow Control” on page 7. Not all combinations
of these two registers will be valid. See “Section 1.3.7, Multidrop mode with address matching” on page 9
for more details regarding Rx address matching.
1.3.5
Flow Control
The B1411 can perform both hardware and software flow control. Software flow control is selected by flow
control mode 2. Hardware flow control can either be RTS/CTS or DTR/DSR controlled and is selected by flow
control mode 1. See Table 6 for the register control and details of flow control modes. The following sections
describe the three types of flow control which may be used.


Similar Part No. - XR21B1411IL16-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1411IL16-F EXAR-XR21B1411IL16-F Datasheet
836Kb / 2P
   Single Channel USB UART with Industry`s Smallest Package and Optimized Software Drivers
XR21B1411IL16-F EXAR-XR21B1411IL16-F Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
More results

Similar Description - XR21B1411IL16-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com