Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1170IG16TR-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR20M1170IG16TR-F
Description  I2C/SPI UART WITH 64-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1170IG16TR-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR20M1170IG16TR-F Datasheet HTML 6Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 7Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 8Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 9Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 10Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 11Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 12Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 13Page - Exar Corporation XR20M1170IG16TR-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
FIGURE 10. SPI FIFO READ
SCLK
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
last bit
R/W A3
A2
A1
A0
0
0X
XR20M1170
10
I2C/SPI UART WITH 64-BYTE FIFO
REV. 1.1.0
After the last read or write transaction, the SPI master will set the SCL signal back to its idle state (LOW).
2.2
Device Reset
The RESET# input resets the internal registers and the serial interface outputs in the UART to its default state
(see Table 16). An active low pulse of longer than 40 ns duration will be required to activate the reset function
in the device.
2.3
Internal Registers
The M1170 has a set of enhanced registers for control, monitoring and data loading and unloading. The
configuration register set is compatible to the industry standard ST16C550. These registers function as data
holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO control register (FCR),
receive line status and control registers (LSR/LCR), modem status and control registers (MSR/MCR),
programmable data rate (clock) divisor registers (DLL/DLM/DLD), and a user accessible Scratchpad Register
(SPR).
Beyond the general 16C550 features and capabilities, the M1170 offers enhanced feature registers (EFR, Xon/
Xoff 1, Xon/Xoff 2, TCR, TLR, TXLVL, RXLVL, IODir, IOState, IOIntEna, IOControl, EFCR and DLD) that
provide automatic RTS and CTS hardware flow control, Xon/Xoff software flow control, automatic RS-485 half-
duplex direction output enable/disable, TX and RX FIFO level counters, and programmable FIFO trigger level
control. For complete details, see “Section 3.0, UART Internal Registers” on page 23.
2.4
IRQ# Output
The IRQ# interrupt output changes according to the operating mode and enhanced features setup. Table 4
and 5 summarize the operating behavior for the transmitter and receiver. Also see Figures 21 through 35.
TABLE 4: IRQ# PIN OPERATION FOR TRANSMITTER
Auto RS485
Mode
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
IRQ# Pin
NO
HIGH = a byte in THR
LOW = THR empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or FIFO empty
IRQ# Pin
YES
HIGH = a byte in THR
LOW = transmitter empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or transmitter empty
TABLE 5: IRQ# PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
IRQ# Pin
HIGH = no data
LOW = 1 byte
HIGH = FIFO below trigger level
LOW = FIFO above trigger level


Similar Part No. - XR20M1170IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170IG16 EXAR-XR20M1170IG16 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1170IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com