Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1172IL32TR-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR20M1172IL32TR-F
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1172IL32TR-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR20M1172IL32TR-F Datasheet HTML 6Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 7Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 8Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 9Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 10Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 11Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 12Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 13Page - Exar Corporation XR20M1172IL32TR-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
XR20M1172
10
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
REV. 1.2.0
2.1.2
SPI Bus Interface
The SPI interface consists of four lines: serial clock (SCL), chip select (CS#), slave output (SO) and slave input
(SI). The serial clock, slave output and slave input can be as fast as 18 MHz at 3.3V. To access the device in
the SPI mode, the CS# signal for the M1172 is asserted by the SPI master, then the SPI master starts toggling
the SCL signal with the appropriate transaction information. The first bit sent by the SPI master includes
whether it is a read or write transaction and the UART register being accessed. See Table 3 below.
TABLE 3: SPI FIRST BYTE FORMAT
BIT
FUNCTION
7
Read/Write#
Logic 1 = Read
Logic 0 = Write
6:3
UART Internal Register Address A3:A0
2:1
UART Channel Select
’00’ = UART Channel A
’01’ = UART Channel B
Other values are reserved
0
Reserved
FIGURE 7. SPI WRITE
FIGURE 8. SPI READ
R /W A 3
A 2
A 1
A 0
0
C H
X
D 7
D6
D 5
D4
D 3
D2
D 1
D0
S C LK
SI
R /W A 3
A 2
A 1
A 0
0
C H
X
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
S C LK
S I
S O


Similar Part No. - XR20M1172IL32TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172IL32 EXAR-XR20M1172IL32 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172IL32 EXAR-XR20M1172IL32 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1172IL32TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com