Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1170G16-0B Datasheet(PDF) 11 Page - Exar Corporation

Part # XR20M1170G16-0B
Description  I2C/SPI UART WITH 64-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1170G16-0B Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR20M1170G16-0B Datasheet HTML 7Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 8Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 9Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 10Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 11Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 12Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 13Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 14Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
XR20M1170
11
REV. 1.1.0
I2C/SPI UART WITH 64-BYTE FIFO
2.5
Crystal Oscillator or External Clock Input
The M1170 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The crystal oscillator provides a system clock to the Baud Rate Generators (BRG) section found in
each of the UART. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the
output. Please note that the input XTAL1 is not 5V tolerant and so the maximum at the pin should be VCC. For
programming details, see ““Section 2.6, Programmable Baud Rate Generator with Fractional Divisor” on
page 11.”
FIGURE 11. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500ΚΩ−1ΜΩ
XTAL1
XTAL2
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100 ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 11). The programmable
Baud Rate Generator is capable of operating with a crystal oscillator frequency of up to 24 MHz. However, with
an external clock input on XTAL1 pin, it can extend its operation up to 64 MHz (16 Mbps serial data rate) at
3.3V with an 4X sampling rate. For further reading on the oscillator circuit please see the Application Note
DAN108 on the EXAR web site at http://www.exar.com.
2.6
Programmable Baud Rate Generator with Fractional Divisor
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 - 0.0625) in increments of 0.0625 (1/16) to
obtain a 16X, 8X or 4X sampling clock of the serial data rate. The sampling clock is used by the transmitter for
data bit shifting and receiver for data sampling. The BRG divisor (DLL, DLM and DLD registers) defaults to the
value of ’1’ (DLL = 0x01, DLM = 0x00 and DLD = 0x00) upon power-up. Therefore, the BRG must be
programmed during initialization to the operating data rate. The DLL and DLM registers provide the integer part
of the divisor and the DLD register provides the fractional part of the dvisior. The four lower bits of the DLD are
used to select a value from 0 (for setting 0000) to 0.9375 or 15/16 (for setting 1111). Programming the Baud
Rate Generator Registers DLL, DLM and DLD provides the capability for selecting the operating data rate.
Table 6 shows the standard data rates available with a 24MHz crystal or external clock at 16X clock rate. If the
pre-scaler is used (MCR bit-7 = 1), the output data rate will be 4 times less than that shown in Table 6. At 8X
sampling rate, these data rates would double and at 4X sampling rate, these data rates would quadruple. Also,
when using 8X sampling mode, the bit time will have a jitter of ± 1/16 whenever the DLD is non-zero and is an


Similar Part No. - XR20M1170G16-0B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IG16 EXAR-XR20M1170IG16 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IG24 EXAR-XR20M1170IG24 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IL16 EXAR-XR20M1170IL16 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IL24 EXAR-XR20M1170IL24 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1170G16-0B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com