Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1170G16-0B Datasheet(PDF) 1 Page - Exar Corporation

Part # XR20M1170G16-0B
Description  I2C/SPI UART WITH 64-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1170G16-0B Datasheet(HTML) 1 Page - Exar Corporation

  XR20M1170G16-0B Datasheet HTML 1Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 2Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 3Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 4Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 5Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 6Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 7Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 8Page - Exar Corporation XR20M1170G16-0B Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR20M1170
I2C/SPI UART WITH 64-BYTE FIFO
JULY 2012
REV. 1.1.0
GENERAL DESCRIPTION
The XR20M11701 (M1170) is a high performance
universal asynchronous receiver and transmitter
(UART) with 64 byte TX and RX FIFOs and a
selectable I2C/SPI slave interface. The M1170
operates from 1.62 to 3.63 volts. The enhanced
features in the M1170 include a programmable
fractional baud rate generator, an 8X and 4X
sampling rate that allows for a maximum baud rate of
16 Mbps at 3.3V. The standard features include 16
selectable TX and RX FIFO trigger levels, automatic
hardware (RTS/CTS) and software (Xon/Xoff) flow
control, and a complete modem interface. Onboard
registers provide the user with operational status and
data error flags. An internal loopback capability
allows system diagnostics. The M1170 is available in
the 24-pin QFN, 16-pin QFN, 24-pin TSSOP and 16-
pin TSSOP packages.
NOTE: 1 Covered by U.S. Patent #5,649,122
APPLICATIONS
Portable Appliances
Battery-Operated Devices
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
1.62 to 3.6 Volt Operation
Selectable I2C/SPI Interface
SPI clock frequency up to
18 MHz at 3.3 V
16 MHz at 2.5 V
8 MHz at 1.8 V
Full-featured UART
Data rate of up to 16 Mbps at 3.3 V
Data rate of up to 12.5 Mbps at 2.5 V
Data rate of up to 8 Mbps at 1.8 V
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 64 bytes
16 Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Halt and Resume Transmission Control
Automatic
RS-485
Half-duplex
Direction
Control Output via RTS#
Wireless Infrared (IrDA 1.0 and 1.1) Encoder/
Decoder
Automatic sleep mode (< 15 uA at 3.3V)
General Purpose I/Os
Full modem interface
Crystal oscillator (up to 24MHz) or external clock
(up to 64MHz) input
24-QFN,
16-QFN,
24-TSSOP,
16-TSSOP
packages
FIGURE 1. XR20M1170 BLOCK DIAGRAM
I2C/SPI
Interface
I2C/SPI#
SO
A1/SI
A0/CS#
SCL
SDA
IRQ#
Crystal Osc/Buffer
BRG
UART
Regs
XTAL2
XTAL1
64 Byte
TX FIFO
GPIOs
TX
RX
CTS#
RTS#
GPIO[7:0]
1.62V – 3.63V
VCC
64 Byte
RX FIFO


Similar Part No. - XR20M1170G16-0B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IG16 EXAR-XR20M1170IG16 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IG24 EXAR-XR20M1170IG24 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IL16 EXAR-XR20M1170IL16 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170IL24 EXAR-XR20M1170IL24 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1170G16-0B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com