Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2031DQ-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2031DQ-T1
Description  Low-Voltage, Sub 1, Dual SPDT Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2031DQ-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2031DQ-T1 Datasheet HTML 1Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 2Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 3Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 4Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 5Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DG2031
Vishay Siliconix
www.vishay.com
6
Document Number: 71966
S-41158—Rev. E, 21-Jun-04
TEST CIRCUITS
FIGURE 4.
Off-Isolation
FIGURE 5.
Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
IN
GND
NC or NO
0V, 2.4 V
10 nF
COM
Off Isolation + 20 log
VCOM
VNO NC
RL
Analyzer
V+
V+
COM


Similar Part No. - DG2031DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
More results

Similar Description - DG2031DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Analog Microelectronics
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com