Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M580IM48-0A Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16M580IM48-0A
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M580IM48-0A Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16M580IM48-0A Datasheet HTML 2Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 3Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 4Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 5Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 6Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 7Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 8Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 9Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
XR16M580
6
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
REV. 1.0.0
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
1.0
PRODUCT DESCRIPTION
The XR16M580 (M580) is a high performance single channel UART. The configuration registers set is 16550
UART compatible for control, status and data transfer. Additionally, the M580 channel has 16 bytes of transmit
and receive FIFOs, Automatic RTS/CTS Hardware Flow Control, Automatic Xon/Xoff and Special Character
Software Flow Control, infrared encoder and decoder (IrDA ver 1.0 and 1.1), programmable fractional baud
rate generator with a prescaler of divide by 1 or 4, and data rate up to 16 Mbps. The XR16M580 can operate
from 1.62 to 3.63 volts. The M580 is fabricated with an advanced CMOS process.
Data Rate
The M580 is capable of operation up to 16 Mbps at 3.3V with 4X internal sampling clock rate. The device can
operate at 3.3V with a 24 MHz crystal on pins XTAL1 and XTAL2, or external clock source of 32 MHz on XTAL1
pin. With a typical crystal of 14.7456 MHz and through a software option, the user can set the prescaler bit and
sampling rate for data rates of up to 3.68 Mbps.
Enhanced Features
The rich feature set of the M580 is available through the internal registers. Automatic hardware/software flow
control, selectable transmit and receive FIFO trigger levels, selectable baud rates, infrared encoder/decoder,
modem interface controls, and a sleep mode are all standard features. MCR bit-5 provides a facility for turning
off (Xon) software flow control with any incoming (RX) character. The M580 includes new features such as 9-bit
(Multidrop) mode, auto RS-485 half-duplex direction control, different baud rate for TX and RX, fast IR mode
and fractional baud rate generator.
NC
15, 16
5, 6, 9,
10, 12,
17, 20-
25, 29,
31, 34,
36, 37, 48
-
-
No Connects.
Pin Description
NAME
32-QFN
PIN#
48-TQFP
PIN#
25-BGA
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR16M580IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M580IM48 EXAR-XR16M580IM48 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M580IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com