Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG535 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG535
Description  16-Channel Wideband Video Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG535 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG535 Datasheet HTML 3Page - Vishay Siliconix DG535 Datasheet HTML 4Page - Vishay Siliconix DG535 Datasheet HTML 5Page - Vishay Siliconix DG535 Datasheet HTML 6Page - Vishay Siliconix DG535 Datasheet HTML 7Page - Vishay Siliconix DG535 Datasheet HTML 8Page - Vishay Siliconix DG535 Datasheet HTML 9Page - Vishay Siliconix DG535 Datasheet HTML 10Page - Vishay Siliconix DG535 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DG535/536
Vishay Siliconix
Document Number: 70070
S-02315—Rev. D, 05-Oct-00
www.vishay.com
5-11
DETAILED DESCRIPTION
Since no PN junctions exist between the signal path and V+,
positive overvoltages are not a problem, unless the
breakdown voltage of the DMOS drain terminal (see Figure
13) (+18 V) is exceeded. Positive overvoltage conditions must
not exceed +18 V with respect to the GND pin. If this condition
is possible (e.g. transients in the signal), then a diode or Zener
clamp may be used to prevent breakdown.
The overvoltage conditions described may exist if the supplies
are collapsed while a signal is present on the inputs. If this
condition is unavoidable, then the necessary steps outlined
above should be taken to protect the device
DC Biasing
To avoid negative overvoltage conditions and subsequent
distortion of ac analog signals, dc biasing may be necessary.
Biasing is not required, however, in applications where signals
are always positive with respect to the GND or substrate
connection, or in applications involving multiplexing of low
level (up to
"200 mV) signals, where forward biasing of the
PN substrate-source/drain terminals would not occur.
Biasing can be accomplished in a number of ways, the
simplest of which is a resistive potential divider and a few dc
blocking capacitors as shown in Figure 14.
V+
S
D
GND
DG536
+
+
+15 V
100
mF/16 V
Tantalum
100
mF/16 V
Tantalum
C2
C1
R1
R2
Analog
Signal
IN
Analog
Signal
OUT
FIGURE 14.
Simp
le Bias Circuit
R1 and R2 are chosen to suit the appropriate biasing
requirements. For video applications, approximately 3 V of
bias is required for optimal differential gain and phase
performance. Capacitor C1 blocks the dc bias voltage from
being coupled back to the analog signal source and C2 blocks
the dc bias from the output signal. Both C1 and C2 should be
tantalum or ceramic disc type capacitors in order to operate
efficiently at high frequencies. Active bias circuits are
recommended if rapid switching time between channels is
required.
An alternative method is to offset the supply voltages (see
Figure 15).
Decoupling would have to be applied to the negative supply to
ensure that the substrate is well referenced to signal ground.
Again the capacitors should be of a type offering good high
frequency characteristics.
Level shifting of the logic signals may be necessary using this
offset supply arrangement.
V+
S
D
GND
DG536
–3 V
+12 V
+
Decoupling
Capacitors
Analog
Signal
IN
Analog
Signal
OUT
FIGURE 15.
DG536 with
Offset Supply
TTL to CMOS level shifting is easily obtained by using a
MC14504B.
Circuit Layout
Good circuit board layout and extensive shielding is essential
for optimizing the high frequency performance of the DG536.
Stray capacitances on the PC board and/or connecting leads
will considerably degrade the ac performance. Hence, signal
paths must be kept as short as practically possible, with
extensive ground planes separating signal tracks.


Similar Part No. - DG535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG535 VISHAY-DG535 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535DJ VISHAY-DG535DJ Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535DJ-E3 VISHAY-DG535DJ-E3 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
More results

Similar Description - DG535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
LT1205 LINER-LT1205_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
logo
Analog Devices
ADG507A AD-ADG507A_15 Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
ADG506AKRZ-REEL AD-ADG506AKRZ-REEL Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_15 Datasheet
415Kb / 20P
   8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A_15 Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com