Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ13L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ13L
Description  SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ13L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ13L Datasheet HTML 1Page - Central Semiconductor Corp CMDZ13L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ1L8
Series Silicon Low Level Zener Diode is a high
quality voltage regulator, manufactured in a
SUPERmini™ surface mount package, designed
for applications requiring a low operating current,
low leakage, and a sharp knee.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
CMDZ1L8 THRU CMDZ47L
SUPERmini
LOW LEVEL ZENER DIODE
250mW, 1.8 VOLTS THRU 47 VOLTS
SOD-323 CASE
Central
Semiconductor Corp.
TM
R5 (31-October 2002)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
µA
µA
VOLTS
CMDZ1L8
1.710
1.8
1.890
500
1200
25
1.0
7N
CMDZ2L0
1.900
2.0
2.100
500
1100
25
1.0
8N
CMDZ2L2
2.090
2.2
2.310
500
1000
25
1.0
9N
CMDZ2L4
2.280
2.4
2.520
500
900
25
1.0
AP
CMDZ2L5
2.375
2.5
2.625
500
900
10
1.0
BP
CMDZ2L7
2.565
2.7
2.835
500
900
10
1.0
CP
CMDZ2L8
2.660
2.8
2.940
500
900
10
1.0
DP
CMDZ3L0
2.850
3.0
3.150
500
900
5.0
1.0
EP
CMDZ3L3
3.135
3.3
3.465
500
900
5.0
1.0
FP
CMDZ3L6
3.420
3.6
3.780
500
900
5.0
1.0
GP
CMDZ3L9
3.705
3.9
4.095
500
900
5.0
1.0
HP
CMDZ4L3
4.085
4.3
4.515
500
900
5.0
1.0
JP
CMDZ4L7
4.465
4.7
4.935
500
750
1.0
1.5
KP
CMDZ5L1
4.845
5.1
5.355
500
350
1.0
1.5
LP
CMDZ5L6
5.320
5.6
5.880
500
325
1.0
2.0
NP
CMDZ6L2
5.890
6.2
6.510
500
90
1.0
2.0
OP
CMDZ6L8
6.460
6.8
7.140
500
60
1.0
3.5
PP
CMDZ7L5
7.125
7.5
7.875
500
60
1.0
3.5
QP
CMDZ8L2
7.790
8.2
8.610
500
60
1.0
6.0
RP
CMDZ9L1
8.645
9.1
9.555
500
60
1.0
6.0
SP
CMDZ10L
9.50
10
10.50
500
80
1.0
8.0
TP
CMDZ11L
10.45
11
11.55
500
80
1.0
8.0
UP
CMDZ12L
11.40
12
12.60
500
80
1.0
10.5
VP
CMDZ13L
12.35
13
13.65
500
80
1.0
10.5
XP
CMDZ15L
14.25
15
15.75
500
80
1.0
11.5
YP
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25°C)
PD
250
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V Max @ IF=10mA FOR ALL TYPES.


Similar Part No. - CMDZ13L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ13L CENTRAL-CMDZ13L Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMDZ13L CENTRAL-CMDZ13L Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMDZ13L CENTRAL-CMDZ13L Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
More results

Similar Description - CMDZ13L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMOZ1L8 CENTRAL-CMOZ1L8 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com