Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD1722J50100AHF Datasheet(PDF) 4 Page - Anaren Microwave

Part # BD1722J50100AHF
Description  Ultra Low Profile 0805 Balun
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD1722J50100AHF Datasheet(HTML) 4 Page - Anaren Microwave

  BD1722J50100AHF Datasheet HTML 1Page - Anaren Microwave BD1722J50100AHF Datasheet HTML 2Page - Anaren Microwave BD1722J50100AHF Datasheet HTML 3Page - Anaren Microwave BD1722J50100AHF Datasheet HTML 4Page - Anaren Microwave BD1722J50100AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Visit us at
www.Anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD1722J50100AHF
Rev A
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
No Bias Footprint
Circuit Pattern
Footprint Pad (s)
Solder Resist
Mounting Footprint
Dimensions are in Millimeters
6x .41
6x .33
.04
4x .25
.66
3x Transmission
lines
Plated thru holes to ground
Plated thru
holes to
ground
DC Bias Footprint
6x .41
6x .33
.04
4x .25
.66
3x Transmission
lines
Plated thru
holes to
ground
Circuit Pattern
Footprint Pad (s)
Solder Resist
Mounting Footprint
Dimensions are in Millimeters
Capacitor
Plated thru
holes to
ground
DC Bias


Similar Part No. - BD1722J50100AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD1722J50100A00 ANAREN-BD1722J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
More results

Similar Description - BD1722J50100AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
B0322J5050A00 ANAREN-B0322J5050A00 Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun
BD0810J50150AHF ANAREN-BD0810J50150AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
B0430J50100A00 ANAREN-B0430J50100A00 Datasheet
288Kb / 4P
   Ultra Low Profile 0805 Balun
B0310J50100A00 ANAREN-B0310J50100A00 Datasheet
285Kb / 5P
   Ultra Low Profile 0805 Balun
B0225J7575A00 ANAREN-B0225J7575A00 Datasheet
296Kb / 5P
   Ultra Low Profile 0805 Balun
BD1222J50200AHF ANAREN-BD1222J50200AHF Datasheet
185Kb / 5P
   Ultra Low Profile 0805 Balun
B0922J7575AHF ANAREN-B0922J7575AHF Datasheet
3Mb / 4P
   Ultra Low Profile 0805 Balun
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com