Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX2-B0-14-620-22A Datasheet(PDF) 7 Page - Carling Technologies

Part # CX2-B0-14-620-22A
Description  CIRCUIT BREAKER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CX2-B0-14-620-22A Datasheet(HTML) 7 Page - Carling Technologies

Back Button CX2-B0-14-620-22A Datasheet HTML 3Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 4Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 5Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 6Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 7Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 8Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 9Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 10Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 11Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
| 7
CX-Series Circuit Breaker - UL1077 – Ordering Scheme
10 MOUNTING INSERTS
A
6-32 Thread
B
M3 Thread
9 ACTUATOR COLOR & LEGEND
Actuator Color
I-O
ON-OFF
Dual
Legend Color
White
A
B
1
Black
Black
C
D
2
White
Red
F
G
3
White
Green
H
J
4
White
Blue
K
L
5
White
Yellow
M
N
6
Black
Gray
P
Q
7
Black
Orange
R
S
8
Black
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
12
Agency
Approval
4
Circuit
C X
B
2
A
1
0
2
10 C
14 620
1 SERIES
C
2 ACTUATOR
X
Handle, one per pole
8 TERMINAL 8
2
Screw, 10-32
3
Stud, 1/4-20
5
Screw, M5
6
Stud, M6
3 POLES 7
1
One
2
Two
3
Three
4
Four 10
4 CIRCUIT
A
Switch Only (no coil) 1, 9
B
Series Trip (current)
G
Relay Trip (voltage) 1, 2, 3, 9
5 AUXILIARY SWITCH
0
Without Aux Switch
6 FREQUENCY & DELAY
03 DC 50/60Hz, Switch Only
10 DC Instantaneous
11
DC Ultra Short
12 DC Short
14 DC Medium
16 DC Long
7 CURRENT RATING (AMPERES) 6
CODE AMPERES
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
425 2.500
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611 11.000
711 11.500
612 12.000
712 12.500
613 13.000
614 14.000
615 15.000
616 16.000
617 17.000
618 18.000
620 20.000
622 22.000
624 24.000
625 25.000
630 30.000
635 35.000
640 40.000
650 50.000
660 60.000
665 65.000
670 70.000
675 75.000
680 80.000
685 85.000
690 90.000
695 95.000
810 100.000
911 115.000
912 125.000
11 MAX. APPLICATION RATING
10 300VDC
11
440 VDC without factory installed terminal bus 4
14 440VDC with factory installed terminal bus 4
06 600VDC 5
12 AGENCY APPROVAL
A
Without Approvals
C
UL 1077 Recognized
W UL1077Recognized&TUVCertifiedIEC/EN60947-2 9
9
Actuator
Color &
Legend
10
Mounting
Inserts
11
Rating
Notes:
1
Only available when tied to a protected pole
Requires special P/N consult factory for details
2
Voltage trip circuit coil not rated for continuous duty - use instantaneous delay code 10
3
Contacts Rated for 20A @ 80 VDC
4
440VDCRatingavailableintwodifferentwiringconfigurations.
(see next page for more details)
5
600 VDC only available with factory installed terminal bus (see next page for more details)
6
Single pole units available up to 125A, multi pole units limited to 115A Max.
(see next page for more details)
7
3 Pole units must include one Auxiliary switch pole (circuit code A or G) - Requires Special
Part Number. (see next page for more details)
8
Screw Terminals are limited to 50A max.
9
Agency approval code W only available with 440 VDC rating & circuit code B.
10 4 Pole 600 VDC units only available up to 75A Max. (see next page for more details)


Similar Part No. - CX2-B0-14-620-22A

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CX2-B0-14-615-22A CARLINGTECH-CX2-B0-14-615-22A Datasheet
1Mb / 12P
   CIRCUIT BREAKER
More results

Similar Description - CX2-B0-14-620-22A

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com