Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK3400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DK3400
Description  DK3400 demonstration kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DK3400 Datasheet(HTML) 1 Page - STMicroelectronics

  DK3400 Datasheet HTML 1Page - STMicroelectronics DK3400 Datasheet HTML 2Page - STMicroelectronics DK3400 Datasheet HTML 3Page - STMicroelectronics DK3400 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18106 Rev 1
1/4
4
DK3400
DK3400 demonstration kit
Features
Comprises both the ED3K4 evaluation board
and DK3400 motherboard
Selectable power sources for ED3K4: USB
cable and 5 V wall adapter
Dual USB port for E-RLINK and uPSD USB
users
100-pin expansion connector
JTAG port
RS232 connector
5 V power jack on ED3K4 and 9 V power jack
on the DK3400 motherboard
128 Mbit NAND Flash
Real-time clock (RTC)
8 Mbit SPI Flash
16 Kbit I2C EEPROM
RLINK embedded debug tools
IrDA transceiver
122*32 dot matrix LCD with Chinese font
support
PS/2 keyboard connector
Description
The DK3400 kit is a demo board for the
uPSD3400 family which is a series of 8051 class
microcontrollers (MCUs) that contain a fast Turbo
Plus 8032 core with 16-bit code fetch path, full-
speed USB port, a large dual bank Flash memory,
a large SRAM, many peripherals, programmable
logic and a JTAG Debug / In System
Programming (ISP) port.
The DK3400 kit consists of an ED3K4 module
and DK3400 motherboard as well as all the items
needed to explore the uPSD3400 MCU. There are
also demonstration application examples along
with an evaluation copy of the tools needed to
develop and compile code for the uPSD3400.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - DK3400

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DK34-1.0 YAMAICHI-DK34-1.0 Datasheet
46Kb / 2P
   1.0mm High Density FLEX (300V, 105째C)
DK34-1.0M YAMAICHI-DK34-1.0M Datasheet
46Kb / 2P
   1.0mm High Density FLEX (300V, 105째C)
More results

Similar Description - DK3400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
   Demonstration Kit Standard Components
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
   Development and Demonstration Kit
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
   transceiver demonstration kit description
logo
Maxim Integrated Produc...
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
   DeepCover Secure Authenticator Demonstration Kit
logo
STMicroelectronics
UM1518 STMICROELECTRONICS-UM1518 Datasheet
1Mb / 37P
   ST7580 power line modem demonstration kit
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
   Low Power Wireless Charger Demonstration Kit
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com