Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-CR95HF-A Datasheet(PDF) 4 Page - STMicroelectronics

Part # DEMO-CR95HF-A
Description  Demonstration kit for the CR95HF 13.56 MHz transceiver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DEMO-CR95HF-A Datasheet(HTML) 4 Page - STMicroelectronics

  DEMO-CR95HF-A Datasheet HTML 1Page - STMicroelectronics DEMO-CR95HF-A Datasheet HTML 2Page - STMicroelectronics DEMO-CR95HF-A Datasheet HTML 3Page - STMicroelectronics DEMO-CR95HF-A Datasheet HTML 4Page - STMicroelectronics DEMO-CR95HF-A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
DEMO-CR95HF-A
4/5
Doc ID 018756 Rev 3
Revision history
Table 2.
Document revision history
Date
Revision
Changes
22-Apr-2011
1
Initial release.
25-Jul-2011
2
Changed inductive etched antenna to 47x34 mm.
Added Section : Hardware configuration .
Updated disclaimer on last page.
10-Sep-2012
3
Updated Features and Description.
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - DEMO-CR95HF-A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
   Miniature PCS Band Duplexer
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
DEMO-AFEM-S10X BOARDCOM-DEMO-AFEM-S10X Datasheet
204Kb / 11P
   5 GHz WiFi FEM
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-12X24 BOARDCOM-DEMO-ALM-12X24 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
More results

Similar Description - DEMO-CR95HF-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLUG-CR95HF-B STMICROELECTRONICS-PLUG-CR95HF-B Datasheet
155Kb / 5P
   Daughter board for the CR95HF 13.56 MHz transceiver IC
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
   transceiver demonstration kit description
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
   Demonstration kit for the ST7570 power line modem
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
AN3394 STMICROELECTRONICS-AN3394 Datasheet
481Kb / 29P
   Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
   Audio hub demonstration kit supporting the MP45DT02
STEVAL-ILL037V1 STMICROELECTRONICS-STEVAL-ILL037V1 Datasheet
91Kb / 4P
   Demonstration board for the HVLED805 IC for LED power supply
CR95HF STMICROELECTRONICS-CR95HF Datasheet
662Kb / 63P
   13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com