Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1D1304-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1D1304-3
Description  Tape And Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1D1304-3 Datasheet(HTML) 1 Page - Anaren Microwave

  1D1304-3 Datasheet HTML 1Page - Anaren Microwave 1D1304-3 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 1D1304-3
Rev. A
Hybrid Couplers
3 dB, 90
°
Description
The 1D1304-3 is a low profile 3dB hybrid coupler in an easy to use surface
mount package covering the AMPS and GSM bands. The 1D1304-3 is
ideal for balanced amplifiers and signal distribution and can be used in most
high power designs. Parts have been subjected to rigorous qualification
testing and units are 100% tested. They are manufactured using materials
with x and y thermal expansion coefficients compatible with common
substrates such as FR4, G-10 and polyamide.
ELECTRICAL SPECIFICATIONS**
Frequency
Isolation
Insertion
Loss
VSWR
MHz
dB Min
dB Max
Max:1
815 – 960
22
0.23
1.18
800 – 1200
21
0.25
1.20
Amplitude
Balance
Phase
Balance
Power
ΘJC
Operating
Temp.
dB Max
Degrees
Ave. CW Watts
ºC/Watt
ºC
± 0.30
± 3
150
12.3
-55 to +85
Features:
800 – 1200 MHz
Low Loss
High Isolation
90
° Quadrature
Surface Mountable
Tape And Reel
Convenient Package
100% Tested
± 0.40
± 3
150
12.3
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit
boards with 50
Ω nominal impedance. Specifications subject to change without notice.
Outline Drawing
1D1304-3 Rev A Mechanical Outline
Dimensions are in Inches [Millimeters]
Bottom View (Far-side)
Side View
Top View (Near-side)
.076±.008
[1.93±0.20]
.560±.010
[14.22±0.25]
.350±.010
[8.89±0.25]
.050±.008
[1.27±0.20]
.050±.008
[1.27±0.20]
Pin 4
Pin 4
Pin 3
Pin 1
Pin 2
Denotes
Array Number
GND
GND
Pin 2
Pin 1
Pin 3
.024±.004 TYP
[0.61±0.10]
Part Is Symmetric About All Axis


Similar Part No. - 1D1304-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1D1304-6 ETC2-1D1304-6 Datasheet
217Kb / 2P
   Directional Couplers
logo
Anaren Microwave
1D1304-6 ANAREN-1D1304-6 Datasheet
222Kb / 2P
   Directional Couplers
More results

Similar Description - 1D1304-3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Texas Instruments
TPS51610IRHBR TI1-TPS51610IRHBR Datasheet
905Kb / 13P
[Old version datasheet]   TAPE AND REEL INFORMATION
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Vishay Siliconix
BYT78-TR VISHAY-BYT78-TR Datasheet
76Kb / 3P
   Tape and Reel Standards
Rev. 1.9, 05-Nov-08
logo
Frontier Electronics.
100505 FRONTIER-100505 Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com