Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1B-12V-N-5 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # CA1B-12V-N-5
Description  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CA1B-12V-N-5 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  CA1B-12V-N-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1B-12V-N-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1B-12V-N-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1B-12V-N-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1B-12V-N-5 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CA
387
REFERENCE DATA
1. Coil temperature rise
Tested sample: CA1aS-12V-N-5, 5 pcs.
Point measured: Inside the coil
Contact carrying current: 20A
Ambient temperature: Room temperature,
85
°C 185°F
2. Electrical life test (Motor load)
Tested sample: CA1a-12V-N-5, 5 pcs.
Load: Steady 30A, Inrush 150A, 12V DC
Operate frequency: ON 3s, OFF 15s
Ambient temperature: Room temperature
12
14
16
140
120
100
80
60
40
20
0
85
°C
185
°F
Room
temperature
Coil applied voltage, V
0
2
4
6
8
10
02
X
X
Max.
Max.
Min.
Min.
No. of operations,
×104
Contact welding: 0 times
Miscontact: 0 times
Pick-up voltage
Drop-out voltage
For Cautions for use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - CA1B-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CA1B-12V-N-5 PANASONIC-CA1B-12V-N-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results

Similar Description - CA1B-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com