Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFW12N65S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFW12N65S
Description  650V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFW12N65S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFW12N65S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFW12N65S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BV
DSS = 650 V
R
DS(on) typ
I
D = 12 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 38 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) : 0.67
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HFW12N65S
650V N-Channel MOSFET
July 2016
1.Gate 2. Drain 3. Source
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25
)
12
A
Drain Current
– Continuous (T
C = 100
)
7.4
A
I
DM
Drain Current
– Pulsed
(Note 1)
48
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
860
mJ
I
AR
Avalanche Current
(Note 1)
12
A
E
AR
Repetitive Avalanche Energy
(Note 1)
22.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
) *
3.13
W
Power Dissipation (T
C = 25
)
- Derate above 25
225
W
1.78
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
0.56
/W
R
JA
Junction-to-Ambient*
--
40
R
JA
Junction-to-Ambient
--
62.5
* When mounted on the minimum pad size recommended (PCB Mount)
D2-PAK
G
S
D


Similar Part No. - HFW12N65S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW12N60S SEMIHOW-HFW12N60S Datasheet
213Kb / 7P
   Superior Avalanche Rugged Technology
HFW12N60S SEMIHOW-HFW12N60S_16 Datasheet
238Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - HFW12N65S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com