Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFU5N65F Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFU5N65F
Description  650V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFU5N65F Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFU5N65F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 8Page - SemiHow Co.,Ltd. HFU5N65F Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
On Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID
2.0
--
4.0
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 2.5 A
--
2.0
2.5
g
FS
Forward Transconductance
V
DS = 30 V ID = 2.5 A
--
3
--
S
Off Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID
650
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 650 V, VGS = 0 V
--
--
10
V
DS = 520 V, TC = 125
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
nA
Dynamic Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
560
730
pF
C
oss
Output Capacitance
--
70
90
pF
C
rss
Reverse Transfer Capacitance
--
14
18.5
pF
Switching Characteristics
t
d(on)
Turn-On Time
V
DS = 325 V, ID = 5 A,
R
G = 25
(Note 4,5)
--
19
48
ns
t
r
Turn-On Rise Time
--
19
48
ns
t
d(off)
Turn-Off Delay Time
--
35
80
ns
t
f
Turn-Off Fall Time
--
22
54
ns
Q
g
Total Gate Charge
V
DS = 520 V, ID = 5 A,
V
GS = 10 V
(Note 4,5)
--
12.5
16.5
nC
Q
gs
Gate-Source Charge
--
2.8
--
nC
Q
gd
Gate-Drain Charge
--
4.0
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
I
S
Maximum Continuous Drain-Source Diode Forward Current
--
--
5
A
I
SM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
20
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 5 A
--
--
1.4
V
trr
Reverse Recovery Time
V
GS = 0 V, IS = 5 A
di
F
--
250
--
ns
Qrr
Reverse Recovery Charge
--
1.6
--
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=8mH, I
AS=5A, VDD=50V, RG=25
, Starting T
J =25 C
3. I
SD
DD
DSS , Starting TJ =25
C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
J=25
unless otherwise specified


Similar Part No. - HFU5N65F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFU5N65S SEMIHOW-HFU5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
HFU5N65S SEMIHOW-HFU5N65S Datasheet
330Kb / 10P
   650V N-Channel MOSFET
More results

Similar Description - HFU5N65F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com