Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR3569 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AR3569
Description  TO-8B CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AR3569 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AR3569 Datasheet HTML 1Page - Teledyne Technologies Incorporated AR3569 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
Gain vs Temperature Vcc = 15
2 1 . 0
2 0 . 0
1 9 . 0
1 8 . 0
1 7 . 0
1 6 . 0
1 5 . 0
Noise Figure
Power Output at 1 dB Compression
Intercept Point Vcc = 15
1 6 . 0
1 4 . 0
1 2 . 0
1 0 . 0
8 . 0
6 . 0
4 . 0
2 . 0
F R E Q U E N C Y - G H z
F R E Q U E N C Y - G H z
6 0
5 0
4 0
3 0
2 0
F R E Q U E N C Y - G H z
2 9 . 0
2 8 . 0
2 7 . 0
2 6 . 0
2 5 . 0
2 4 . 0
2 3 . 0
F R E Q U E N C Y - G H z
.01
0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
.01
0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
.01
0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
.01
0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
2 n d H A R
I P 3
I P 2
Intercept Point Vcc = 12
F R E Q U E N C Y - G H z
6 0
5 0
4 0
3 0
2 0
.01
0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
2 n d H A R
I P 3
I P 2
+ 1 5 V
+ 1 5 V
+ 1 2 V
+ 1 2 V
AR3569
Model: AR3569
Vcc=+15V
Icc=277.00
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
50
1.17
1.23
17.52
4
-32.9
100
1.18
1.21
17.50
-8
0.68
-32.5
250
1.23
1.16
17.31
-30
0.37
-32.1
500
1.37
1.21
17.47
-61
0.35
-32.4
750
1.50
1.33
17.83
-94
0.38
-32.7
1000
1.57
1.44
18.05
-129
0.38
-33.6
1250
1.60
1.51
18.06
-163
0.38
-34.1
1500
1.57
1.56
17.81
162
0.39
-34.9
1750
1.55
1.59
17.52
129
0.36
-35.6
2000
1.51
1.59
17.35
97
0.35
-35.8
2250
1.46
1.57
17.26
64
0.37
-36.2
2500
1.39
1.54
17.23
32
0.37
-35.9
2750
1.31
1.47
17.46
0
0.37
-36.4
3000
1.19
1.36
17.94
-35
0.43
-34.9
3250
1.08
1.23
18.22
-74
0.49
-33.5
3500
1.28
1.23
17.92
-116
0.51
-33.1
3600
1.46
1.31
17.54
-133
0.45
-32.7
LINEAR S-PARAMETERS
Model: AR3569
Vcc=+15V
Icc=277.00
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
0.08
-5.1
7.52
4.3
0.023
8.0
0.10
149.4
100
0.08
5.6
7.50
-7.9
0.024
0.9
0.09
152.1
250
0.10
20.6
7.33
-30.3
0.025
-9.7
0.08
145.8
500
0.16
19.8
7.48
-61.4
0.024
-25.1
0.09
150.7
750
0.20
5.5
7.79
-94.5
0.023
-41.4
0.14
128.8
1000
0.22
-11.4
7.99
-128.7
0.021
-55.9
0.18
101.5
1250
0.23
-27.0
8.00
-163.3
0.020
-71.2
0.20
72.7
1500
0.22
-41.5
7.77
161.7
0.018
-85.1
0.22
43.9
1750
0.22
-52.9
7.52
128.9
0.017
-105.1
0.23
13.7
2000
0.20
-65.1
7.37
96.7
0.016
-116.9
0.23
-15.9
2250
0.19
-77.3
7.30
64.0
0.016
-131.3
0.22
-45.3
2500
0.16
-83.6
7.27
32.0
0.016
-140.3
0.21
-71.9
2750
0.13
-89.6
7.47
0.1
0.015
-155.1
0.19
-99.5
3000
0.09
-90.6
7.89
-34.6
0.018
-165.8
0.15
-129.5
3250
0.04
-38.3
8.14
-73.9
0.021
-173.6
0.10
-176.2
3500
0.12
23.7
7.87
-116.2
0.022
-171.5
0.10
107.4
3600
0.19
23.8
7.53
-132.8
0.023
-166.8
0.14
80.1
Model: AR3569
Vcc=+12V
Icc=276.49
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
50
1.17
1.32
17.94
5
-33.9
100
1.18
1.30
17.96
-7
0.68
-33.3
250
1.23
1.25
17.79
-30
0.37
-32.8
500
1.37
1.32
17.98
-60
0.35
-33.1
750
1.48
1.47
18.33
-93
0.37
-33.7
1000
1.56
1.60
18.54
-127
0.37
-33.7
1250
1.60
1.69
18.56
-162
0.37
-34.2
1500
1.59
1.74
18.33
163
0.40
-34.5
1750
1.58
1.75
18.01
131
0.37
-35.0
2000
1.56
1.72
17.82
99
0.36
-34.8
2250
1.53
1.68
17.75
66
0.39
-35.2
2500
1.46
1.62
17.66
34
0.38
-34.6
2750
1.36
1.53
17.73
3
0.35
-33.8
3000
1.23
1.43
18.11
-30
0.39
-33.4
3250
1.09
1.28
18.44
-69
0.44
-31.3
3500
1.22
1.11
18.21
-111
0.46
-31.2
3600
1.38
1.02
17.96
-128
0.49
-30.4
LINEAR S-PARAMETERS
Model: AR3569
Vcc=+12V
Icc=276.49
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
0.08
-5.4
7.89
4.9
0.020
6.8
0.14
159.9
100
0.08
5.2
7.90
-7.4
0.022
1.8
0.13
161.0
250
0.10
21.6
7.75
-29.7
0.023
-6.7
0.11
157.3
500
0.15
21.3
7.93
-60.5
0.022
-22.2
0.14
158.3
750
0.19
7.7
8.25
-93.3
0.021
-36.1
0.19
138.4
1000
0.22
-8.7
8.46
-127.1
0.021
-50.0
0.23
113.3
1250
0.23
-23.3
8.47
-161.6
0.020
-62.2
0.26
87.3
1500
0.23
-37.0
8.25
163.5
0.019
-76.9
0.27
60.8
1750
0.23
-48.6
7.95
130.8
0.018
-91.4
0.27
33.2
2000
0.22
-61.5
7.78
98.8
0.018
-105.5
0.26
6.1
2250
0.21
-74.6
7.72
66.4
0.017
-117.9
0.25
-20.2
2500
0.19
-82.6
7.64
34.5
0.019
-130.9
0.24
-43.8
2750
0.15
-89.9
7.70
3.2
0.020
-142.9
0.21
-64.9
3000
0.10
-94.2
8.05
-30.3
0.021
-158.9
0.18
-82.7
3250
0.04
-67.9
8.36
-68.6
0.027
-171.8
0.12
-98.1
3500
0.10
20.5
8.13
-110.9
0.028
174.0
0.05
-113.6
3600
0.16
22.4
7.90
-128.4
0.030
167.2
0.01
-112.5


Similar Part No. - AR3569

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR356 DAESAN-AR356 Datasheet
269Kb / 2P
   CURRENT 35.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
TAITRON Components Inco...
AR356 TAITRON-AR356 Datasheet
134Kb / 4P
   35A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR356 UNIOHM-AR356 Datasheet
157Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR356 MIC-AR356 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AR356 CHENYI-AR356 Datasheet
154Kb / 2P
   BUTTON DIODES
More results

Similar Description - AR3569

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AR2568 TELEDYNE-AR2568 Datasheet
171Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1298 TELEDYNE-AR1298 Datasheet
179Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR3098 TELEDYNE-AR3098 Datasheet
171Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
ARS1208 TELEDYNE-ARS1208 Datasheet
153Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1096 TELEDYNE-AR1096 Datasheet
168Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR2584 TELEDYNE-AR2584 Datasheet
166Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1094 TELEDYNE-AR1094 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR2098 TELEDYNE-AR2098 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR3069 TELEDYNE-AR3069 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR4019 TELEDYNE-AR4019 Datasheet
169Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com