Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTD882NUT3-X-BL-X Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTD882NUT3-X-BL-X
Description  Low Vcesat NPN Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD882NUT3-X-BL-X Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTD882NUT3-X-BL-X Datasheet HTML 1Page - Cystech Electonics Corp. BTD882NUT3-X-BL-X Datasheet HTML 2Page - Cystech Electonics Corp. BTD882NUT3-X-BL-X Datasheet HTML 3Page - Cystech Electonics Corp. BTD882NUT3-X-BL-X Datasheet HTML 4Page - Cystech Electonics Corp. BTD882NUT3-X-BL-X Datasheet HTML 5Page - Cystech Electonics Corp. BTD882NUT3-X-BL-X Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C630T3
Issued Date : 2017.03.22
Revised Date : 2017.04.18
Page No. : 3/6
BTD882NUT3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
01
2
34
5
6
VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=1mA
IB=500uA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
01
234
56
VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=2.5mA
IB=5mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
01
23
45
6
VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=2mA
IB=4mA
IB=6mA
IB=10mA
IB=20mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
23
45
6
VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=5mA
IB=10mA
IB=50mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
IC, Collector Current(mA)
T a=25°
VCE=5V
VCE=2V
VCE=1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
IC, Collector Current(mA)
VCE=2V
125°C
75°C
25°C
0°C
-40°C


Similar Part No. - BTD882NUT3-X-BL-X

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUJ3 CYSTEKEC-BTD882NUJ3 Datasheet
336Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882NUJ3-P-T3-G CYSTEKEC-BTD882NUJ3-P-T3-G Datasheet
336Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
More results

Similar Description - BTD882NUT3-X-BL-X

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com