Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT37EKK-TE7 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT37EKK-TE7
Description  CMOS White LED Driver Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37EKK-TE7 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT37EKK-TE7 Datasheet HTML 2Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 3Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 4Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 5Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 6Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 7Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 8Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 9Page - Catalyst Semiconductor CAT37EKK-TE7 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT37
6
Doc. No. 5005, Rev. R
OPERATION
The CAT37 device is a high efficiency, constant
frequency, current regulating boost driver for white LEDs.
The device includes a switch and an internally
compensated loop for the regulation of the current in the
LEDs.
Operation can be best understood by examining the
block diagram. The FB pin is regulated at 95 mV and the
current through the external resistor will set the regulated
current in the LEDs at:
ILED = 0.095/R1
While maintaining LED current regulation, the CAT37
boost converter automatically adjusts the FB pin voltage
to be as low as possible. A low FB pin voltage ensures
high efficiency.
Current through the internal power switch is continuously
monitored cycle-by-cycle. If the current limit is exceeded,
the switch is immediately turned off, protecting the
device, for the remainder of the cycle.
PWM dimming operation can be achieved by switching
the
SHDN pin or by pulling the FB pin higher than 95mV.
BLOCK DIAGRAM
Figure 2. CAT37 Block Diagram
VIN
1.2 MHz
Clock
PWM
& Logic
D1
L1
VIN
C1
2
FB
Current
Sense
Amp
SW
1
5
CAT37
3
Error
Amp
C2
4
SHDN
GND
0.095V
REF
ILED
R1
+
-
Over Voltage
Protection
(22V)
Note: SOT23 Pin Numbers


Similar Part No. - CAT37EKK-TE7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
More results

Similar Description - CAT37EKK-TE7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com