Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFH9N90Z Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFH9N90Z
Description  900V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFH9N90Z Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFH9N90Z Datasheet HTML 1Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 2Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 3Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 4Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 5Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 6Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 7Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 8Page - SemiHow Co.,Ltd. HFH9N90Z Datasheet HTML 9Page - SemiHow Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Absolute Maximum Ratings T
C=25
unless otherwise specified
HFH9N90Z / HFA9N90Z
900V N-Channel MOSFET
Oct 2016
Parameter
Value
Unit
BVDSS
900
V
ID
9A
RDS(on), Typ
1.12
Qg,Typ
55
nC
Key Parameters
Features
* Drain current limited by maximum junction temperature
Thermal Resistance Characteristics
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
100% Avalanche Tested
RoHS Compliant
Built-in ESD Diode
Symbol
Parameter
TO-3P
TO-247
Unit
V
DSS
Drain-Source Voltage
900
V
I
D
Drain Current
– Continuous (T
C = 25
)
9.0
9.0 *
A
Drain Current
– Continuous (T
C = 100
)
5.7
5.7 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
36
36 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
900
mJ
I
AR
Avalanche Current
(Note 1)
9.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
28
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
280
110
W
2.22
0.88
W/
V
ESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
4
KV
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
TO-3P
TO-247
Unit
R
JC
Thermal Resistance, Junction-to-Case, Max.
0.45
1.11
/W
R
CS
Thermal Resistance, Case-to-Sink, Typ.
0.24
--
/W
R
JA
Thermal Resistance, Junction-to-Ambient, Max.
40
40
/W
HFH9N90Z
TO-3P
HFA9N90Z
TO-247
Symbol
G
D
S
G
D
S


Similar Part No. - HFH9N90Z

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFH9N90 SEMIHOW-HFH9N90 Datasheet
1Mb / 7P
   900V N-Channel MOSFET
logo
SHANTOU HUASHAN ELECTRO...
HFH9N90 HUASHAN-HFH9N90 Datasheet
687Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - HFH9N90Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com