Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM54C174 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C174
Description  Hex D Flip-Flop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C174 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C174 Datasheet HTML 1Page - National Semiconductor (TI) MM54C174 Datasheet HTML 2Page - National Semiconductor (TI) MM54C174 Datasheet HTML 3Page - National Semiconductor (TI) MM54C174 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to a Logical
VCC e 5V
150
300
ns
‘‘0’’ or Logical ‘‘1’’ from Clock to Q
VCC e 10V
70
110
ns
tpd
Propagation Delay Time to
VCC e 5V
110
300
ns
a Logical ‘‘0’’ from Clear
VCC e 10V
50
110
ns
tS1 tS0
Time Prior to Clock Pulse that
VCC e 5V
75
ns
Data Must be Present
VCC e 10V
25
ns
tH1 tH0
Time after Clock Pulse
VCC e 5V
0
b
10
ns
that Data Must be Held
VCC e 10V
0
b
50
ns
tW
Minimum Clock Pulse Width
VCC e 5V
50
250
ns
VCC e 10V
35
100
ns
tW
Minimum Clear Pulse Width
VCC e 5V
65
140
ns
VCC e 10V
35
70
ns
tr tf
Maximum Clock Rise and
VCC e 5V
15
l
1200
m
s
Fall Time
VCC e 10V
50
l
1200
m
s
fMAX
Maximum Clock Frequency
VCC e 5V
20
65
MHz
VCC e 10V
50
12
MHz
CIN
Input Capacitance
Clear Input (Note 2)
11
pF
Any Other Input
50
pF
CPD
Power Dissipation Capacitance
Per Package (Note 3)
95
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Switching Time Waveforms
CMOS to CMOS
TLF5899 – 5
tr e tf e 20 ns
AC Test Circuit
TLF5899 – 6
3


Similar Part No. - MM54C174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C173 NSC-MM54C173 Datasheet
115Kb / 6P
   TRI-STATE Quad D Flip-Flop
MM54C173J NSC-MM54C173J Datasheet
115Kb / 6P
   TRI-STATE Quad D Flip-Flop
MM54C173N NSC-MM54C173N Datasheet
115Kb / 6P
   TRI-STATE Quad D Flip-Flop
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
More results

Similar Description - MM54C174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351 Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
F100151 NSC-F100151 Datasheet
145Kb / 6P
   Hex D Flip-Flop
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
   Hex D Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com