Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C541U Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # C541U
Description  8 BIT CMOS MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C541U Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button C541U Datasheet HTML 6Page - Siemens Semiconductor Group C541U Datasheet HTML 7Page - Siemens Semiconductor Group C541U Datasheet HTML 8Page - Siemens Semiconductor Group C541U Datasheet HTML 9Page - Siemens Semiconductor Group C541U Datasheet HTML 10Page - Siemens Semiconductor Group C541U Datasheet HTML 11Page - Siemens Semiconductor Group C541U Datasheet HTML 12Page - Siemens Semiconductor Group C541U Datasheet HTML 13Page - Siemens Semiconductor Group C541U Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Semiconductor Group
8
C541U
ECAP
2
External Capacitor
This pin is required to be connected to an external capacitor
which is connected to
V
SS. The recommended value for the
capacitor is 6.8 nF.
VDDU
1–
Supply voltage
for the on-chip USB transceiver circuitry
VDD
8, 23
Supply voltage
for ports and internal logic circuitry during normal, idle, and power
down mode.
VSS
9, 22
Ground (0V)
during normal, idle, and power down mode.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions
(cont’d)
Symbol
Pin
Numbers
I/O*) Function
P-LCC-44


Similar Part No. - C541U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C541U SIEMENS-C541U Datasheet
1Mb / 200P
   8-Bit CMOS Microcontroller
C541U SIEMENS-C541U Datasheet
1Mb / 192P
   8-BIT CMOS MICROCONTROLLER
C541U SIEMENS-C541U_99 Datasheet
1Mb / 192P
   8-BIT CMOS MICROCONTROLLER
More results

Similar Description - C541U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com