Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYS459-1500 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYS459-1500
Description  High Voltage Damper Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS459-1500 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYS459-1500 Datasheet HTML 1Page - Vishay Siliconix BYS459-1500 Datasheet HTML 2Page - Vishay Siliconix BYS459-1500 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYS459-1500, BYS459F-1500, BYS459B-1500
Vishay Semiconductors
formerly General Semiconductor
New Product
High Voltage Damper Diodes
Reverse Voltage 1500V
Forward Current 6.5A
Reverse Recovery Time 350ns
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Mounting Pad Layout TO-263AB
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
12
PIN
DIA.
DIA.
PIN 1
PIN 2
0.676 (17.2)
0.646 (16.4)
ITO-220AC (BYS459F)
TO-220AC (BYS459)
Dimensions in inches
and (millimeters)
TO-263AB (BYS459B)
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
PIN 1
PIN 2
CASE
0.370 (9.40)
0.360 (9.14)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited CRT horizontal deflection
• Fast reverse recovery time
• Fast forward recovery time
• High temperature soldering in accordance with CECC
802 / Reflow guaranteed
• Glass passivated chip junction
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB
molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g
Document Number 88550
www.vishay.com
25-Jul-02
1


Similar Part No. - BYS459-1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500-E3/45 VISHAY-BYS459-1500-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
BYS459-1500S VISHAY-BYS459-1500S Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
More results

Similar Description - BYS459-1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
   High Voltage Damper Diodes
02-Nov-04
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com