Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A-CT2-38E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # R2A-CT2-38E
Description  clamping force of the clip is not degraded by repeated loading and unloading.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

R2A-CT2-38E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  R2A-CT2-38E Datasheet HTML 1Page - Ohmite Mfg. Co. R2A-CT2-38E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
178
Surface
Thermal
Heatsink
Area
Weight
Resistance*
Part Number
(in2/mm2)
(oz/g)
(°C/W)
R2V-CT2-38E
21 / 13,579
0.92 / 26
9.8
R2A-CT2-38E
21 / 13,579
0.92 / 26
8.6
R2V-CT4-38E
21 / 13,579
1.02 / 29
9.8
R2A-CT4-38E
21 / 13,579
1.02 / 29
8.6
R2V-CT6-38E
21 / 13,579
1.02 / 29
9.8
R2A-CT6-38E
21 / 13,579
1.02 / 29
8.6
*Free convection at 15W
Ohmite’s R2 Series (patent pending) heatsink pro-
vides a large surface area along with our C Series
clipping mechanism to attach to a TO-220, TO-247,
or TO-264 package. The self-aligning features of the
clip assure secure attachment and enhanced thermal
performance. Because no screws are required for
device mounting, additional fins can be added to the
rear side of the heatsink for increased total surface
area in a more compact space.
FEA TURES
Reduced Assembly Cost: C Series camming clips
make fasteners and fixtures obsolete, along with
stray metal filings from tapped holes.
Maximum Repeatability: clamping force of the clip
is not degraded by repeated loading and unloading.
Maximum Heat Transfer per Unit Space: maximum
surface area per unit volume and consistent mount-
ing force reduces thermal resistance
Maximum Resistance to Shock and Vibration: light
weight, resilient clips lock the component in place
and are highly resistant to shock and vibration
Maximum Reliability: helps prevent short circuits
by eliminating metal particles from thread tapping
RoHS compliant
R2 Series
For TO-220, TO-247, and TO-264
ch ARA c TER i ST ic S
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent with either degreased or black anodized
finish
Spring Clip
Music Wire, Per ASTM A228 with bright nickel plating
Solder Foot
Cold-rolled Steel, Per ASTM A-366 with pure tin over copper strike. RoHS compli-
ant
Interface Thermal Resistance
for improvement, use thermal joint compound, 0.005 Grafoil (TGon 800 by Laird),
or phase change material (Hi-Flow by Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S and K10
SER i ES SPE ci F ic AT i ONS
(continued)


Similar Part No. - R2A-CT2-38E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
R2A-CT2-38E OHMITE-R2A-CT2-38E Datasheet
271Kb / 2P
   R2 Series For TO-220 and TO-247
R2A-CT2-38E OHMITE-R2A-CT2-38E Datasheet
333Kb / 2P
   Reduced Assembly Cost
More results

Similar Description - R2A-CT2-38E

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
11156 SILABS-11156 Datasheet
442Kb / 1P
   THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
logo
List of Unclassifed Man...
NV156QUM-N72 ETC2-NV156QUM-N72 Datasheet
964Kb / 33P
   THIS SPECIFICATION IS THE PROPERTY OF BOE BJ AND SHALL NOT BE
logo
Honeywell Solid State E...
SS94A1F HONEYWELL-SS94A1F Datasheet
60Kb / 1P
   CENTERLINE OF NALL CELL ONLY THE LOCATION OF THE CERAMIC COVER IS NOT SPECIFIED
logo
Ohmite Mfg. Co.
SINK-C OHMITE-SINK-C Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
logo
PHOENIX CONTACT
CRIMPFOX-25R PHOENIX-CRIMPFOX-25R Datasheet
54Kb / 3P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
CRIMPFOX-50R PHOENIX-CRIMPFOX-50R Datasheet
58Kb / 2P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
logo
Japan Aviation Electron...
FO-FC-RS-A2-R JAE-FO-FC-RS-A2-R Datasheet
110Kb / 1P
   THE SHAPE OF INDICATED RADIUS PART IS NOT STRICT REQUIREMENT
logo
PHOENIX CONTACT
CRIMPFOX-16R-TWIN PHOENIX-CRIMPFOX-16R-TWIN Datasheet
55Kb / 2P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com