Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120650VF104M4T4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 120650VF104M4T4A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

120650VF104M4T4A Datasheet(HTML) 3 Page - AVX Corporation

  120650VF104M4T4A Datasheet HTML 1Page - AVX Corporation 120650VF104M4T4A Datasheet HTML 2Page - AVX Corporation 120650VF104M4T4A Datasheet HTML 3Page - AVX Corporation 120650VF104M4T4A Datasheet HTML 4Page - AVX Corporation 120650VF104M4T4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
60
012517
Automotive MLCC - NP0
Capacitance Range
0603
0805
1206
1210
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
25V
50V
100V
25V
50V
100V
25V
50V
100V
200V
500V
25V
50V
100V
200V
100
10pF
G
G
G
J
J
J
J
J
J
J
J
120
12
G
G
G
J
J
J
J
J
J
J
J
150
15
G
G
G
J
J
J
J
J
J
J
J
180
18
G
G
G
J
J
J
J
J
J
J
220
22
G
G
G
J
J
J
J
J
J
J
270
27
G
G
G
J
J
J
J
J
J
J
330
33
G
G
G
J
J
J
J
J
J
J
390
39
G
G
G
J
J
J
J
J
J
J
470
47
G
G
G
J
J
J
J
J
J
J
510
51
G
G
G
J
J
J
J
J
J
J
560
56
G
G
G
J
J
J
J
J
J
J
680
68
G
G
G
J
J
J
J
J
J
J
820
82
G
G
G
J
J
J
J
J
J
J
101
100
G
G
G
J
J
J
J
J
J
J
121
120
G
G
G
J
J
J
J
J
J
J
151
150
G
G
G
J
J
J
J
J
J
J
181
180
G
G
G
J
J
J
J
J
J
J
221
220
G
G
G
J
J
J
J
J
J
J
271
270
G
G
G
J
J
J
J
J
J
J
331
330
G
G
G
J
J
J
J
J
J
J
391
390
G
G
J
J
J
J
J
J
J
471
470
G
G
J
J
J
J
J
J
J
561
560
J
J
J
J
J
J
J
681
680
J
J
J
J
J
J
J
821
820
J
J
J
J
J
J
J
102
1000
J
J
J
J
J
J
J
J
J
J
J
122
1200
J
J
J
J
J
J
M
M
152
1500
J
M
M
M
J
J
M
M
182
1800
J
M
M
M
J
J
M
M
222
2200
J
M
M
M
J
J
M
M
272
2700
JJ
M
332
3300
JJ
P
392
3900
JJ
P
472
4700
JJ
P
103
10nF
25V
50V
100V
25V
50V
100V
25V
50V
100V
200V
500V
25V
50V
100V
200V
0603
0805
1206
1210
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 120650VF104M4T4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12065505 ETC-12065505 Datasheet
141Kb / 1P
   TAXI ASM TERM M/P 800
16-MAR-06
logo
PHOENIX CONTACT
1206560 PHOENIX-1206560 Datasheet
216Kb / 19P
   Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
1206560 PHOENIX-1206560 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
1206560 PHOENIX-1206560 Datasheet
188Kb / 23P
   Protective conductor double-level terminal block - PTTBS 2,5-PE/L
1206560 PHOENIX-1206560 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
More results

Similar Description - 120650VF104M4T4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com