Electronic Components Datasheet Search |
|
DV-T263-201E Datasheet(PDF) 2 Page - Ohmite Mfg. Co. |
|
DV-T263-201E Datasheet(HTML) 2 Page - Ohmite Mfg. Co. |
2 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 171 Lan D p attern S LandPatternsforD,D2andD3 or D ering in F ormation tape an D r ee L Reeldiameter:13.00”(330.00mm) 200pcs.per Standard part numbers For D Series Part Number Description Packaging Weight DV-T263-101E for D2 pack, degreased Bulk 3.8 g DA-T263-101E for D2 pack, black anodized Bulk 3.8 g DV-T263-101E-TR for D2 pack, degreased Reel 3.8 g DA-T263-101E-TR for D2 pack, black anodized Reel 3.8 g DV-T268-101E for D3 pack, degreased Bulk 4.1 g DA-T268-101E for D3 pack, black anodized Bulk 4.1 g DV-T268-101E-TR for D3 pack, degreased Reel 4.1 g DA-T268-101E-TR for D3 pack, black anodized Reel 4.1 g DV-T263-201E for D or D2 pack, degreased Bulk DA-T263-201E for D or D2 pack, black anodized Bulk DV-T263-201E-TR for D or D2 pack, degreased Reel DA-T263-201E-TR for D or D2 pack, black anodized Reel DV-T268-301E for D3 pack, degreased Bulk DA-T268-301E for D3 pack, black anodized Bulk DV-T268-301E-TR for D3 pack, degreased Reel DA-T268-301E-TR for D3 pack, black anodized Reel DV-T263-301E for D2 pack, degreased Bulk DA-T263-301E for D2 pack, black anodized Bulk DV-T263-301E-TR for D2 pack, degreased Reel DA-T263-301E-TR for D2 pack, black anodized Reel Style 10 Style 20 Style 30 D0 1.55mm 1.5mm 1.5mm K0 10.5mm 12.20mm 11.50mm P0 4mm 4.0mm 4.0mm P1 24mm 24mm 24.0mm S0 40.4mm 40.4mm 52.4mm W 44mm 44mm 56mm K0 P1 P0 S0 W ø D0 0.81" (20.6mm) 0.03" (0.80mm) 0.06" (1.40mm) 0.54" (13.7mm) 0.83" (21.1mm) 0.56" (14.2mm) 0.63" (16.0mm) TO-268 (D3) 0.076" (1.94mm) 0.06" (1.40mm) 0.54" (13.7mm) 0.64" (16.3mm) 0.56" (14.2mm) 0.44" (11.2mm) TO-252 (D) TO-263 (D2) TO-263 (D2) 0.62" (15.8mm) 0.35" (8.89mm) TO-252 (D) 0.03" (0.80mm) TO-263 (D2) TO-252 (D) D Series Heatsink For TO-252, TO-263 and TO-268 devices DA-T263-201E -TR Series D Style 10, 20 or 30 Length 1 = 0.50" 2, 3, 4 = optional lengths assigned sequentially on customer request Finish A = black anodized V = degreased Package T263 = TO-263 (or TO-252) T268 = TO-268 Tape & Reel RoHS Compliant Removable Kapton tape on each part facilitates handling by automatic pick and place equipment. Style 10 tape and reel only. |
Similar Part No. - DV-T263-201E |
|
Similar Description - DV-T263-201E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |