Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA-T2X-25E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RA-T2X-25E
Description  For vertical mounting with solderable pins
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RA-T2X-25E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RA-T2X-25E Datasheet HTML 1Page - Ohmite Mfg. Co. RA-T2X-25E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
177
1.638"
(41.6mm)
0.059"
(1.5mm)
ø0.14"
(3.6mm)
(no top hole on
FA-T220-25E)
1.000"
(25.4mm)
0.669"
(17.0mm
+0.2/-0)
0.437"
(11.1mm)
ø0.091"
(
2.3mm)
0.98"
(25.0mm)
H ±0.56mm
0.720"
(18.3mm)
0.196"
(5.00mm)
0.138"
(3.5mm +.3/-.1)
1.000"
(25.4mm ±0.25)
Height
(in. ±.010 /
Part Number
mm ±.25)
RA-T2X-25E
1.0/25.4
RA-T2X-38E
1.5/38.1
RA-T2X-51E
2.0/50.8
RA-T2X-64E
2.5/63.5
FA-T220-25E
1.0 / 25.4
FA-T220-38E
1.5 / 38.1
FA-T220-51E
2.0 / 50.8
FA-T220-64E
2.5 / 63.5
Standard part numbers
Part Number
Description
Packaging
RA-T2X-25E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
RA-T2X-38E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
RA-T2X-51E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
RA-T2X-64E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
FA-T220-25E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
FA-T220-38E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
FA-T220-51E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
FA-T220-64E Heat sink for TO-220, TO-218, TO-247, Black Anodized
Bulk
RA-T2X-25E
Series
F or R
T2X = R Series
T220 = F Series
Height
(mm)
Finish
A = black anodized
V = degreased
RoHS Compliant
0.47"
(12.0mm)
ø0.14"
(3.6mm)
0.75"
(19.1mm)
0.98"
(25.0mm)
1.65"
(42.0mm)
H ±0.56mm
0.98"
(25.0mm)
1.000"
(25.4mm ±0.25)
ø0.091"
(
2.3mm)
F Series
R Series
NOTICE:
Dimensional
change.
Dimensions
shown are for
products pro-
duced after
September
2012
F and R Series Heatsinks
For TO-218, TO-220 and TO-247 devices
dime NS i ONS
(in./mm)
OR de R i N g i NFOR mati ON


Similar Part No. - RA-T2X-25E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
   F and R Series Heatsinks
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
435Kb / 2P
   For vertical mounting with solderable pins
More results

Similar Description - RA-T2X-25E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SINK-F-R OHMITE-SINK-F-R Datasheet
435Kb / 2P
   For vertical mounting with solderable pins
logo
CUI INC
SJD1-3201-54 CUI-SJD1-3201-54 Datasheet
466Kb / 3P
   placement pins for secure PCB mounting
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
logo
METZ CONNECT GmbH
360273 METZ-360273 Datasheet
234Kb / 4P
   screw type terminal block, solderable, double solder pins
AST082XX METZ-AST082XX Datasheet
296Kb / 5P
   spring clamp terminal block, solderable, double solder pins
AST041XX METZ-AST041XX Datasheet
292Kb / 5P
   spring clamp terminal block, solderable, double solder pins
SR99S01VBNN03G7 METZ-SR99S01VBNN03G7 Datasheet
250Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
AST213XX METZ-AST213XX Datasheet
302Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
SR99S01VBNN02G7 METZ-SR99S01VBNN02G7 Datasheet
249Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
logo
Ulti-Mate Connector Inc
SD-834130002 ULTI-MATE-SD-834130002 Datasheet
108Kb / 1P
   MICRO-D SOLDERABLE CONNECTOR, PLUG (PINS), 21 POSITION MR21N02
10-13-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com