Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA-T2X-25E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RA-T2X-25E
Description  For vertical mounting with solderable pins
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RA-T2X-25E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RA-T2X-25E Datasheet HTML 1Page - Ohmite Mfg. Co. RA-T2X-25E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
176
F and R Series Heatsinks
For TO-218, TO-220 and TO-247 devices
Height
Surface
Thermal
Heatsink
(in. ±.010 /
Area
Res.*
Part Number
mm ±.25
)
For Package Type
Ohmite Resistor Series
(mm2)
Weight (g) (°C/W)
RA-T2X-25E 1.0/25.4 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
8,901
25
4.8
RA-T2X-38E 1.5/38.1 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
12,983
38
3.9
RA-T2X-51E 2.0/50.8 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
17,065
51
3.5
RA-T2X-64E 2.5/63.5 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
21,148
63
3.1
FA-T220-25E 1.0 / 25.4 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
9,285
18
4.7
FA-T220-38E 1.5 / 38.1 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
13,756
27
3.8
FA-T220-51E 2.0 / 50.8 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
18,222
37
3.4
FA-T220-64E 2.5 / 63.5 TO-220, -218, -247 TBH25,TCH35, TEH70, TEH100
22,814
46
3
*Natural convection
Heat Dissipation
Finish Black anodized
Material 6063-T5 aluminum
Solder 100% Tin (Sn)
PC board attachement 0.091” dia. pre-tinned pins.
300
100 200
600
400 500
900
700 800
50
Heat Dissipated (watts)
30
10
0
4
2
0
10
8
6
16
18
14
12
40
20
20
100
0
1000
Air Velocity (ft./min.)
H = 1"
H = 1.5"
H = 2"
H = 2.5"
60
90
70
80
2.5
1.5
0.5
0
2
1
5
3
4.5
3.5
4
300
100 200
600
400 500
900
700 800
50
Heat Dissipated (watts)
30
10
0
4
2
0
10
8
6
16
18
14
12
40
20
20
100
0
1000
Air Velocity (ft./min.)
H = 1"
H = 1.5"
H = 2"
H = 2.5"
60
90
70
80
2.5
1.5
0.5
0
2
1
5
3
4.5
3.5
4
F Series
R Series
Fea tu R e S
•Forverticalmountingwithsolderablepins
•ForTO-220,TO-218,TO-247
c H a R acte R i S tic S
S e R ie S SP eci F icati ONS
(continued)


Similar Part No. - RA-T2X-25E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
   F and R Series Heatsinks
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
435Kb / 2P
   For vertical mounting with solderable pins
More results

Similar Description - RA-T2X-25E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SINK-F-R OHMITE-SINK-F-R Datasheet
435Kb / 2P
   For vertical mounting with solderable pins
logo
CUI INC
SJD1-3201-54 CUI-SJD1-3201-54 Datasheet
466Kb / 3P
   placement pins for secure PCB mounting
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
logo
METZ CONNECT GmbH
360273 METZ-360273 Datasheet
234Kb / 4P
   screw type terminal block, solderable, double solder pins
AST082XX METZ-AST082XX Datasheet
296Kb / 5P
   spring clamp terminal block, solderable, double solder pins
AST041XX METZ-AST041XX Datasheet
292Kb / 5P
   spring clamp terminal block, solderable, double solder pins
SR99S01VBNN03G7 METZ-SR99S01VBNN03G7 Datasheet
250Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
AST213XX METZ-AST213XX Datasheet
302Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
SR99S01VBNN02G7 METZ-SR99S01VBNN02G7 Datasheet
249Kb / 5P
   spring clamp terminal block, THR solderable, double solder pins
logo
Ulti-Mate Connector Inc
SD-834130002 ULTI-MATE-SD-834130002 Datasheet
108Kb / 1P
   MICRO-D SOLDERABLE CONNECTOR, PLUG (PINS), 21 POSITION MR21N02
10-13-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com