Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7240-100A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7240-100A
Description  TrenchMOS??standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7240-100A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7240-100A Datasheet HTML 1Page - NXP Semiconductors BUK7240-100A Datasheet HTML 2Page - NXP Semiconductors BUK7240-100A Datasheet HTML 3Page - NXP Semiconductors BUK7240-100A Datasheet HTML 4Page - NXP Semiconductors BUK7240-100A Datasheet HTML 5Page - NXP Semiconductors BUK7240-100A Datasheet HTML 6Page - NXP Semiconductors BUK7240-100A Datasheet HTML 7Page - NXP Semiconductors BUK7240-100A Datasheet HTML 8Page - NXP Semiconductors BUK7240-100A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
BUK7240-100A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 03 October 2000
3 of 13
9397 750 07572
© Philips Electronics N.V. 2000. All rights reserved.
VGS ≥ 4.5 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tamb =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa16
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
P
der
T
mb
(
o
C)
(%)
03aa24
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
I
der
(%)
T
mb
(
o
C)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03na59
1
10
100
1000
1
10
100
1000
VDS (V)
ID(A)
D.C.
100 ms
10 ms
RDSon = VDS/ ID
1 ms
tp = 10 us
100 us
tp
tp
T
P
t
T
δ =


Similar Part No. - BUK7240-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7240-100A NXP-BUK7240-100A Datasheet
274Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2-23 February 2011
logo
Inchange Semiconductor ...
BUK7240-100A ISC-BUK7240-100A Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7240-100A NEXPERIA-BUK7240-100A Datasheet
887Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2 - 23 February 2011
logo
NXP Semiconductors
BUK7240-100A PHILIPS-BUK7240-100A_15 Datasheet
274Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2-23 February 2011
More results

Similar Description - BUK7240-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com