Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24200DGN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24200DGN
Description  SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24200DGN Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24200DGN Datasheet HTML 3Page - Texas Instruments BQ24200DGN Datasheet HTML 4Page - Texas Instruments BQ24200DGN Datasheet HTML 5Page - Texas Instruments BQ24200DGN Datasheet HTML 6Page - Texas Instruments BQ24200DGN Datasheet HTML 7Page - Texas Instruments BQ24200DGN Datasheet HTML 8Page - Texas Instruments BQ24200DGN Datasheet HTML 9Page - Texas Instruments BQ24200DGN Datasheet HTML 10Page - Texas Instruments BQ24200DGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
bq24200, bq24201, bq24202
bq24203, bq24204, bq24205
SLUS501A – OCTOBER 2001
7
www.ti.com
APPLICATION INFORMATION
UDG–01109
TEMP
1IN
2
VCC
3STAT
4
VSS
8
OUT
7
BAT
6
TS
5
N/C
BATTERY
PACK
C2
RT2
RT1
VCC
PACK+
PACK–
R1
C1
DC+
DC–
bq24200DGN
+
Figure 5. Low Dropout Single–Cell Li–Ion/Li–Pol Charger
functional description
The bq2420x supports a precision Li-Ion or Li-Pol charging system suitable for single-cells with either coke or
graphite anodes. Figure 5 shows an application schematic and Figure 6 shows the typical charge profile.
temperature qualification (bq24200 and bq24201 only)
The bq24200 and bq24201 continuously monitors battery temperature by measuring the voltage between the
TS and VSS pins. A negative- or a positive-temperature coefficient thermistor (NTC, PTC) and an external
voltage divider typically develop this voltage (see figure 5). The bq24200 and bq24201 compare this voltage
against the internal V(TS1) and V(TS2) thresholds to determine if charging is allowed (see Figure 7). The
temperature sensing circuit is immune to any fluctuation in Vcc since both the external voltage divider and the
internal thresholds are referenced to Vcc.
Once a temperature outside the V(TS1) and V(TS2) thresholds is detected the bq24200 and bq24201 immediately
suspend the charge. The bq24200 and bq24201 suspend the charge by turning off the powerFET and holding
the timer value (i.e. timers are NOT reset). Charge is resumed when the temperature returns to the normal
range.


Similar Part No. - BQ24200DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGN TI1-BQ24200DGN Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNR TI1-BQ24200DGNR Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNRG4 TI1-BQ24200DGNRG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results

Similar Description - BQ24200DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com