Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAC12R-090 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC12R-090
Description  12 Watt Interchangeable Plug Series PSAC12R Series meets Level VI Efficiency Requirements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC12R-090 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC12R-090 Datasheet HTML 1Page - Phihong USA Inc. PSAC12R-090 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSAC12R Characteristics
WWW.PHIHONG.COM
AC Input
Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Current
0.5A (RMS), 120VAC at maximum load
0.25A (RMS), 230VAC at maximum load
AC Input Frequency
47 to 63Hz
In-rush Current
<30A for 120VAC at maximum load
<60A for 230VAC at maximum load
(cold start at ambient 25°C)
Leakage Current
0.25mA maximum
DC Output
Output Power
12W
Efficiency
US DoE Level VI
EU CoC Ver5 Tier1
No Load Power Consumption
100mW max @ 115V
Hold up time
10 mS minimum at maximum load, 120VAC
Environmental Temperature
Operation
0°C to +40°C
Non-operation
-40°C to +85°C
Humidity
20 to 90%
Dimension Diagram Unit:mm
EMI
FCC class B, EN55022 Class B
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
Level 3
EN61000-4-6
EN61000-4-11
Isolation (HI-POT test)
Input to Output: 3000VAC for 1 minute, 10mA
Insulation Resistance
Input to Output: 500VDC 500M Ohm minimum
Over Current Protection
Short Circuit Auto-restart
Short Circuit Protection
Output can be shorted without damage
Over Voltage Protection
By Zener clamping if voltage exceeds 120% of limit
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA
DC Cord
1500mm (18~24AWG)
DC Output Connector (Tuning Fork Type)
5.5mm x 2.1mm x 10mm Center Positive
Interchangeable AC Clips
RPA:
US
RPK:
UK
RPB:
Brazil
RPI:
India
RPC:
China
RPN:
Argentina
RPE:
Europe
RPS:
Australia
RPH:
Korea
RPX:
IEC320 C8
(Sold Separately)


Similar Part No. - PSAC12R-090

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC12R-090 PHIHONG-PSAC12R-090 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
More results

Similar Description - PSAC12R-090

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM10R-050A PHIHONG-PSM10R-050A Datasheet
652Kb / 3P
   10Watt Interchangeable Plug Series PSM10R Series meets Level VI Efficiency Requirements
PSAA30R-120 PHIHONG-PSAA30R-120 Datasheet
291Kb / 2P
   30W Interchangeable Plug Series PSAA30R Adapter Series Meets Level VI Efficiency Requirements
PSA15R-240P6 PHIHONG-PSA15R-240P6 Datasheet
1Mb / 2P
   15 Watt Interchangeable Plug Series PSA15R Wall Plug Adapter Meets Level VI Requirements
PSC15R-075 PHIHONG-PSC15R-075 Datasheet
426Kb / 2P
   15W Interchangeable Plug Series PSC15R Adapter Series Meets Level VI requirements
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
154Kb / 2P
   10 Watt F-Series Adapter Supports Interchangeable AC Clips Adapter Meets Level VI Efficiency Requirements
PSA03F-050Q PHIHONG-PSA03F-050Q Datasheet
149Kb / 2P
   2.75 Watt F-Series Adapter with Interchangeable AC Clips Thin Adapter Meets Level VI Efficiency Requirements
PSAA20R-240L6 PHIHONG-PSAA20R-240L6 Datasheet
117Kb / 2P
   20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
PSAC18A-120L6 PHIHONG-PSAC18A-120L6 Datasheet
1Mb / 2P
   18 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSA05F-050QAL6 PHIHONG-PSA05F-050QAL6 Datasheet
608Kb / 2P
   5 Watt F-Series Adapter with Interchangeable AC Clips Battery Charging Adapter Meets Level VI Efficiency Requirements
PSM10A-050A PHIHONG-PSM10A-050A Datasheet
7Mb / 2P
   10 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com