Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA20R-120L6 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA20R-120L6
Description  20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA20R-120L6 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA20R-120L6 Datasheet HTML 1Page - Phihong USA Inc. PSAA20R-120L6 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 8/14/2015
WWW.PHIHONG.COM
20 Watt Interchangeable Plug Series
PSAA20R Adapter Series Meets DOE Level VI
Features
• Efficiency Level VI Compliance
• No-load Power Saving
• Class B EMI
• High Efficiency
• Ecodesign ErP Directive 2009/125/EC
Level 2 annex 1b Compliant
• Compact Size
• Class II Double Insulated
Applications
• Peripherals
• Point of Sale Equipment
• Gaming Machines
• Network Equipment
Safety Approvals
• UL/cUL 60950-1
• CB
• CE
• SAA+C-TICK+MEPS
Mechanical Characteristics
• Length: 82.7mm (3.26in)
• Height: 39.1mm (1.54in)
• Width: 55mm (2.17in)
• Weight: 180g (6.35oz)
Output Specifications
Interchangeable Clips Sold Separately
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the most
up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Regulation
Output
Efficiency
Min.
Max.
Line
Load
Power
Level
PSAA20R-050L6
5V
0A
4.00A
±5%
20W
PSAA20R-120L6
12V
0A
1.67A
±5%
20W
PSAA20R-240L6
24V
0A
0.83A
±5%
20W
PSAA20R-480L6
)
48V
0A
0.42A
±5%
20W


Similar Part No. - PSAA20R-120L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
More results

Similar Description - PSAA20R-120L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-240P6 PHIHONG-PSA15R-240P6 Datasheet
1Mb / 2P
   15 Watt Interchangeable Plug Series PSA15R Wall Plug Adapter Meets Level VI Requirements
PSC15R-075 PHIHONG-PSC15R-075 Datasheet
426Kb / 2P
   15W Interchangeable Plug Series PSC15R Adapter Series Meets Level VI requirements
PSAC12R-090 PHIHONG-PSAC12R-090 Datasheet
72Kb / 2P
   12 Watt Interchangeable Plug Series PSAC12R Series meets Level VI Efficiency Requirements
PSAA30R-120 PHIHONG-PSAA30R-120 Datasheet
291Kb / 2P
   30W Interchangeable Plug Series PSAA30R Adapter Series Meets Level VI Efficiency Requirements
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
154Kb / 2P
   10 Watt F-Series Adapter Supports Interchangeable AC Clips Adapter Meets Level VI Efficiency Requirements
PSAC18A-120L6 PHIHONG-PSAC18A-120L6 Datasheet
1Mb / 2P
   18 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSM10A-050A PHIHONG-PSM10A-050A Datasheet
7Mb / 2P
   10 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSC15A-050 PHIHONG-PSC15A-050 Datasheet
121Kb / 2P
   15 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSM10R-050A PHIHONG-PSM10R-050A Datasheet
652Kb / 3P
   10Watt Interchangeable Plug Series PSM10R Series meets Level VI Efficiency Requirements
PSA03F-050Q PHIHONG-PSA03F-050Q Datasheet
149Kb / 2P
   2.75 Watt F-Series Adapter with Interchangeable AC Clips Thin Adapter Meets Level VI Efficiency Requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com