Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT60142ET-DD20SMS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT60142ET-DD20SMS
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142ET-DD20SMS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT60142ET-DD20SMS Datasheet HTML 2Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 3Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 4Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 5Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 6Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 7Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 8Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 9Page - ATMEL Corporation AT60142ET-DD20SMS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
AT60142E/ET
4156F–AERO–06/04
DC Parameters
Consumption
Parameter
Description
Minimum
Typical
Maximum
Unit
IIX
(1)
1.
GND < VIN < VCC, GND < VOUT < VCC Output Disabled.
Input leakage current
-1
1
µA
IOZ
(1)
Output leakage
current
-1
1
µA
VOL
(2)
2.
VCC min. IOL = 8 mA.
Output low voltage
0.4
V
VOH
(3)
3.
V
CC min. I
OH = -4 mA.
Output high voltage
2.4
V
Symbol
Description
AT60142E -15
(1)
AT60142ET-17
(1)
1.
Preliminary
AT60142E -20
AT60142ET -20
(1)
Unit
Value
I
CCSB
(2)
2.
CS
>V
IH
Standby supply
current
4
4
mA
max
I
CCSB1
(3)
3.
CS
> V
CC - 0.3V
Standby supply
current
3
3
mA
max
ICCOP
(4)
4.
F = 1/TAVAV, Iout = 0 mA, WE = OE = VIH, VIN = GND/VCC, VCC max.
Dynamic operating
current
225
220
mA
max


Similar Part No. - AT60142ET-DD20SMS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F-DC15M-E ATMEL-AT60142F-DC15M-E Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F-DC15M-E ATMEL-AT60142F-DC15M-E Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - AT60142ET-DD20SMS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com