Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA15W-240L6 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA15W-240L6
Description  15 Watt Universal 2-Wire Input Desktop Adapter PSAA15W Single Output Series Meets Level VI Requirements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA15W-240L6 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA15W-240L6 Datasheet HTML 1Page - Phihong USA Inc. PSAA15W-240L6 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 7/21/2015
WWW.PHIHONG.COM
15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W Single Output Series Meets Level VI Requirements
Features
• No Load Power Saving <0.3W
• <0.25mA Leakage Current
• Efficiency Level VI Compliance
• Compact Size
• Class B EMI
Applications
• Portable Equipment
• Low-Power Computers
• Peripherals and Terminals
• Networking
Safety Approvals
• CE
• CB
• cUL/UL
Mechanical Characteristics
• Length: 81.2mm (3.19in)
• Height: 29.8mm (1.17in)
• Width: 50mm (1.96in)
• Weight: 140g (4.94oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
Regulation
Efficiency
Level
Min.
Max.
P-P (max.)
Line & Load
PSAA15W-050L6
5V
0A
3.00A
70mV
±5%
PSAA15W-120L6
12V
0A
1.25A
120mV
±5%
PSAA15W-180L6
18V
0A
0.83A
180mV
±5%
PSAA15W-240L6
24V
0A
0.63A
240mV
±5%
PSAA15W-480L6
48V
0A
0.31A
480mV
±5%


Similar Part No. - PSAA15W-240L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-240L6 PHIHONG-PSAA15W-240L6 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
More results

Similar Description - PSAA15W-240L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM36W-120L6 PHIHONG-PSM36W-120L6 Datasheet
638Kb / 2P
   36 Watt Universal 2-Wire Input Adapter PSM36W Adapter Series meets Level VI Requirements
PSAC45W-120 PHIHONG-PSAC45W-120 Datasheet
266Kb / 2P
   45 Watt Universal 2-Wire Input Adapter PSAC45WAdapter Series Meets Level VI Efficiency Requirements
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSC15A-050 PHIHONG-PSC15A-050 Datasheet
121Kb / 2P
   15 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSAA15W-V PHIHONG-PSAA15W-V Datasheet
103Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSA120U-240L6 PHIHONG-PSA120U-240L6 Datasheet
142Kb / 3P
   120 Watt Universal 3-Wire Input Adapter Meets Level VI Efficiency PSA120U Adapter Series
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P-VI VOLGEN-KTPS24-0540DT-2P-VI Datasheet
190Kb / 3P
   24 Watt DoE Level VI Universal Input, Desktop Adapter
KTPS90-1207 VOLGEN-KTPS90-1207 Datasheet
434Kb / 2P
   90 Watt DoE Level VI Universal Input, Desktop Adapter
logo
Phihong USA Inc.
PSAC30U-120L6 PHIHONG-PSAC30U-120L6 Datasheet
119Kb / 2P
   20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com