Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLGK002C-C05-060 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLGK002C-C05-060
Description  Grounding Kits for cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLGK002C-C05-060 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLGK002C-C05-060 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data Sheet
Grounding
kits
Grounding Kits for cable
SLGK002C-CXX-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
www.rosenberger.de
Email : info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tianzhu Airport Industrial Zone, Beijing, China
Tel.: +86 10 80481995
Fax:
+86 10 80497052
www.rosenbergerap.com
Email: info@rosenbergerap.com
Page
1 / 1
Description
Grounding kits protect base station systems against lighting strikes. Fits coax cables from 1/2
“to 3“, also fits
ellipitical waveguide EW43 to EW220 and WE61 to WE191.
Part number
SLGK002C-CXX-XXX
XXX indicates the grounding cable length (cm)
*The length XXX in the table is recommended length, can be changed according to customer
’s request.
Parts list
Piece parts
Grounding strap
Materials
Copper
Grounding cable BVR 16mm
2
Single-hole lug(Width 13.5mm)
Bolt M8
flat washers
Nut M8
spring washers
Rivet M6.2*6mm
Copper(Conductor)
PVC (Jacket), Black, BV
T2, Tin-plated
Stainless steel SUS304
Stainless steel SUS304
Stainless steel SUS304
Stainless steel SUS304
Brass
Sealing
3M 2166 Butyl rubber tape (63.5mm×0.6m)
3M 1712 Insulated tape(50mm×10m)
Electrical data
Contact resistance
 2.5m
Maximum current handling
≥100kA, 8/20us
Environmental data
Temperature range
-40°C to +70°C
2002/95/EC (RoHS)
Compliant
Packing
Standard
1pce in plastic bag
Weight
Upon the length of grounding cable
Draft
Date
Checker
Approved
Date
Rev.
Engineering change number
Name
Date
Alex
25/11/2013
Sky
Lucy
25/11/2013
a00
15-s001
Alex
15/02/2015
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - SLGK002C-C05-060

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
More results

Similar Description - SLGK002C-C05-060

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK004-C09 ROSENBERGER-SLGK004-C09 Datasheet
150Kb / 2P
   Grounding kits for different series cable
logo
PANDUIT CORP.
CMR19X84 PANDUIT-CMR19X84 Datasheet
286Kb / 2P
   STRUCTUREDGROUND??Grounding System Kits for 2 Post Racks
3/2007
logo
SAB North America
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
ORION FANS
LFG92 ORIONFANS-LFG92 Datasheet
1Mb / 1P
   Filter Kits for 80mm
logo
3M Electronics
3100 3M-3100 Datasheet
29Kb / 3P
   3M??Mining Cable Splice Kits,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com