Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA006B-700C Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA006B-700C
Description  6W LED Driver with 700mA Constant Current PDA006B LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA006B-700C Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA006B-700C Datasheet HTML 1Page - Phihong USA Inc. PDA006B-700C Datasheet HTML 2Page - Phihong USA Inc. PDA006B-700C Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA006B-700C Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
90 to 132VAC
Nominal AC Input Voltage
100 to 127VAC
Leakage Current
<0.5mA at 120VAC and maximum load
Maximum Input Current
≤100mA at full load, 90VAC
AC Inrush Current
≤20A at120VAC and maximum load
OUTPUT:
Total Output Power
5.6W maximum
Efficiency
≥70% at nominal input voltage, full load
Power Factor
≥0.7 at nominal input voltage, full load
Ripple
<1A
Turn-on/Turn off delay Time
0.5 seconds maximum
ENVIRONMENTAL:
Operating Temperature
-20 to +50°C
Storage Temperature
-20 to +70°C
Operating Humidity
10 to 95%
Storage Humidity
05 to 95%
Warranty
3 Years
Lifespan
20K Hours minimum at max load and ambient 50°C
EMC
EN55015, FCC 47 Part 18, EN55022 Class B
Immunity
EN61000-4-2
EN61000-4-5
EN61000-3-2 Class C
EN61000-3-3
Isolation Test
Primary to Secondary: 3000VAC, <5mA, 1 minute
Insulation Resistance
Primary to Secondary: 500VDC, >5M ohm, 1
minute
FEATURES:
Input Current Protection
The input power line will be fused with a
1W/3.9Ohm fuse resistor
Short Circuit
Auto restart without damage
Output Overvoltage Protection
Output should not exceed 12V, auto shut down
Open Circuit Protection
Once the circuit is opened, the output voltage should
be less than 12V at nominal AC input conditions
Input / Output Connection
2-pin terminal block
Position Terminal Color
Line
Brown
Neutral
Blue
Vout+
Red
Vout-
Black
Input / Output Wires
16~18AWG solid or stranded wires
Ingression Protection
IP20; plastic housing
Mounting Provision
Screw mounting, accessible without opening unit


Similar Part No. - PDA006B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
More results

Similar Description - PDA006B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
PDA006A-700C PHIHONG-PDA006A-700C Datasheet
164Kb / 3P
   6W LED Driver with 700mA Constant Current PDA006A LED Power Supply
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
PDA006A-1A0B PHIHONG-PDA006A-1A0B Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA030B-700C PHIHONG-PDA030B-700C Datasheet
132Kb / 2P
   30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA010B-700C PHIHONG-PDA010B-700C Datasheet
142Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA030A-700C PHIHONG-PDA030A-700C Datasheet
145Kb / 2P
   30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA010A-700C PHIHONG-PDA010A-700C Datasheet
154Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA006A-350S-R PHIHONG-PDA006A-350S-R Datasheet
138Kb / 2P
   6W Adapter Style Constant Current LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com