Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32W100-002 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 32W100-002
Description  TOOL SET SERIES SMA ??FOR SEMI-RIGID CABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32W100-002 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32W100-002 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32W100-002 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
TOOL SET
SERIES SMA – FOR SEMI-RIGID CABLE
32W100-000
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
Application
Series
SMA, for semi-rigid cable
Contents
see table 1
Weight
Weight
788 g/pce
Contents (Table 1)
Order-No.
Tools
Remarks
32W100-001 Fixture base
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Rong Fang
14/12/05
Sa. Krautenbacher
17.03.14
b00
14-0352
T. Krojer
17.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 32W100-002

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
   TORQUE WRENCH
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
   FLARING TOOLS
More results

Similar Description - 32W100-002

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
132101 AMPHENOL-132101 Datasheet
73Kb / 1P
   SMA SEMI-RIGID PLUG (FOR .085, 086 CABLE)
logo
Adam Technologies, Inc.
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
   SMA MALE SEMI RIGID
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
   SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
   SMA MALE SEMI RIGID
RF2-48-T-07-50-G ADAM-TECH-RF2-48-T-07-50-G Datasheet
68Kb / 1P
   SMA MALE SEMI RIGID
logo
ITT Industries
CSMA5 ITT-CSMA5 Datasheet
83Kb / 1P
   SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
logo
Amphenol Corporation
132201 AMPHENOL-132201 Datasheet
67Kb / 1P
   SMA R/A DIRECT SOLDER PLUG (FOR .141 SEMI-RIGID CABLE)
logo
ITT Industries
AI-98 ITT-AI-98 Datasheet
70Kb / 1P
   SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
logo
Molex Electronics Ltd.
73251-1940 MOLEX11-73251-1940 Datasheet
34Kb / 1P
   50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
0732511940 MOLEX-0732511940_V01 Datasheet
31Kb / 1P
   50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com