Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFN20NS3SFH Datasheet(PDF) 2 Page - Rohm

Part # RFN20NS3SFH
Description  Super Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN20NS3SFH Datasheet(HTML) 2 Page - Rohm

  RFN20NS3SFH Datasheet HTML 1Page - Rohm RFN20NS3SFH Datasheet HTML 2Page - Rohm RFN20NS3SFH Datasheet HTML 3Page - Rohm RFN20NS3SFH Datasheet HTML 4Page - Rohm RFN20NS3SFH Datasheet HTML 5Page - Rohm RFN20NS3SFH Datasheet HTML 6Page - Rohm RFN20NS3SFH Datasheet HTML 7Page - Rohm RFN20NS3SFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFN20NS3SFH
 
1
10
100
1000
V
R=350V
Tj=25
°C
AVE:33.0nA
0.1
1
10
100
0
200
400
600
800 1000 1200 1400 1600 1800
Tj=125
°C
Tj=150
°C
Tj=25
°C
Tj=75
°C
1
10
100
1000
10000
100000
0
50
100
150
200
250
300
350
Tj=125
°C
Tj=25
°C
Tj=150
°C
Tj=75
°C
1
10
100
1000
0
5
10
15
20
25
30
f=1MHz
1000
1020
1040
1060
1080
1100
1120
1140
AVE:1079mV
I
F=20A
Tj=25
°C
350
360
370
380
390
400
410
420
430
440
450
f=1MHz
V
R=0V
Tj=25
°C
AVE:412pF
FORWARD VOLTAGE:V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS
V
F DISPERSION MAP
I
R DISPERSION MAP
Ct DISPERSION MAP
2/4
2012.06 - Rev.A


Similar Part No. - RFN20NS3SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN20NS3S ROHM-RFN20NS3S Datasheet
548Kb / 8P
   Super Fast Recovery Diode
More results

Similar Description - RFN20NS3SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com