Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGAS121048S490DP Datasheet(PDF) 1 Page - AVX Corporation

Part # VGAS121048S490DP
Description  Multilayer Varistors for Automotive Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VGAS121048S490DP Datasheet(HTML) 1 Page - AVX Corporation

  VGAS121048S490DP Datasheet HTML 1Page - AVX Corporation VGAS121048S490DP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
012317
Glass Encapsulated TransGuard
®
Automotive Series
Multilayer Varistors for Automotive Applications
GENERAL DESCRIPTION
The Glass Encapsulated TransGuard
® Automotive Series are
zinc oxide (ZnO) based ceramic semiconductor devices with
non-linear, bi-directional voltage-current characteristics.
They have the advantage of offering bi-directional
overvoltage protection as well as EMI/RFI attenuation in a
single SMT package. The Automotive Series high current
and high energy handling capability make them well suited
for protection against automotive related transients.
These large case size parts extend TransGuard range into
high energy applications. In addition the glass encapsulation
provides enhanced resistance against harsh environment or
process such as acidic environment, salts or chlorite flux.
PHYSICAL DIMENSIONS: mm (inches)
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
1206
3.20±0.20
1.60±0.20
1.70
0.94 max.
(0.126±0.008)
(0.063±0.008)
(0.067)
(0.037 max.)
1210
3.20±0.20
2.49±0.20
1.70
0.14 max.
(0.126±0.008)
(0.098±0.008)
(0.067)
(0.045 max.)
1812
4.50±0.30
3.20±0.30
2.00
1.00 max.
(0.177±0.012)
(0.126±0.012)
(0.079)
(0.040 max.)
2220
5.70±0.40
5.00±0.40
2.50
1.00 max.
(0.224±0.016)
(0.197±0.016)
(0.098)
(0.040 max.)
3220
8.20±0.40
5.00±0.40
2.50 max.
1.30 max.
(0.323±0.016)
(0.197±0.016)
(0.098 max.)
(0.051 max.)
FEATURES
• High Reliability
• High Energy Absorption (Load Dump)
• High Current Handling
• Bi-Directional protection
• EMI/RFI attenuation in off-state
• Multi-strike capability
• Sub 1nS response to ESD strike
• AEC Q200 Qualified
APPLICATIONS
• Various Automotive Applications
• Internal Combustion Engine (ICE) Vehicles
• Hybrid Electric Vehicles (HEV)
• Plug-in Hybrid Electric Vehicles (PHEV)
• Commercial Vehicles
• Sensors
• DC Motor
• LIN BUS
• Relays
• ECU
• and more
• Applications where Glass Encapsulation is
needed for Harsh Environment/Acid-
Resistance
GENERAL
CHARACTERISTICS
• Operating Temperature:
-55ºC to 125ºC
• Case Size: 1206-2200
• Working Voltage: 16-65Vdc
• Energy: 07-12J
• Peak Current: 200-2000A
V
Varistor
G
Glass
Encapsulate
Chip
AS
Automotive
Series
1812
Chip Size
1206
1210
1812
2220
3220
16
Working
Voltage
16 = 16Vdc
18 = 18Vdc
22 = 22Vdc
26 = 26Vdc
30 = 30Vdc
31 = 31Vdc
34 = 34Vdc
42 = 42Vdc
48 = 48Vdc
60 = 60Vdc
65 = 65Vdc
P
Engergy
Rating
D = 0.4J
F = 0.7J
H = 1.2J
J = 1.6J
K = 0.6J
N = 1.1J
S = 2.0J
P = 2.5-3.7J
U = 4.0-5.0J
Y = 6.5-12J
400
Clamping
Voltage
390 = 40V
400 = 42V
440 = 44V
490 = 49V
540 = 54V
560 = 60V
570 = 57V
650 = 65V
770 = 77V
900 = 90V
101 = 100V
121 = 120V
131 = 135V
R
Package
D = 7" reel
R = 7" reel
T = 13" reel
P
Termination
P = Ni/Sn plated
HOW TO ORDER


Similar Part No. - VGAS121048S490DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VGAS121034S770 AVX-VGAS121034S770 Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
VGAS121065P131 AVX-VGAS121065P131 Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
More results

Similar Description - VGAS121048S490DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400_17 Datasheet
612Kb / 10P
   Multilayer Varistors for Automotive Applications
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com