Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS121026F400RP Datasheet(PDF) 5 Page - AVX Corporation

Part # VCAS121026F400RP
Description  Multilayer Varistors for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS121026F400RP Datasheet(HTML) 5 Page - AVX Corporation

  VCAS121026F400RP Datasheet HTML 1Page - AVX Corporation VCAS121026F400RP Datasheet HTML 2Page - AVX Corporation VCAS121026F400RP Datasheet HTML 3Page - AVX Corporation VCAS121026F400RP Datasheet HTML 4Page - AVX Corporation VCAS121026F400RP Datasheet HTML 5Page - AVX Corporation VCAS121026F400RP Datasheet HTML 6Page - AVX Corporation VCAS121026F400RP Datasheet HTML 7Page - AVX Corporation VCAS121026F400RP Datasheet HTML 8Page - AVX Corporation VCAS121026F400RP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
18
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
L
W
T
t
DIMENSIONS: mm (inches)
1) Applicable for: VCAS120618E380
2) Applicable for: VCAS120626F540, VCAS120631M650, VCAS120638N770, VCAS120642L800, VCAS120645K900, VCAS120656F111, VCAS120660M131
SOLDERING PAD: mm (inches)
C
A
B
A
D
AVX Style
0402
0603
0805
1206
1210
1812
2220
3220
(L) Length
mm
1.00±0.10
1.60±0.15
2.01±0.20
3.20±0.20
3.20±0.20
4.50±0.30
5.70±0.40
8.20±0.40
(in.)
(0.040±0.004)
(0.063±0.006)
(0.079±0.008)
(0.126±0.008)
(0.126±0.008)
(0.177±0.012)
(0.224±0.016)
(0.323±0.016)
(W) Width
mm
0.50±0.10
0.80±0.15
1.25±0.20
1.60±0.20
2.49±0.20
3.20±0.30
5.00±0.40
5.00±0.40
(in.)
(0.020±0.004)
(0.031±0.006)
(0.049±0.008)
(0.063±0.008)
(0.098±0.008)
(0.126±0.012)
(0.197±0.016)
(0.197±0.016)
(T) Max Thickness
mm
0.6
0.9
1.02
1.02 (0.040)
1.70
2.00
2.50
2.50 max.
(in.)
(0.024)
(0.035)
(0.040)
1.27 (0.050)1)
(0.067)
(0.080)
(0.098)
(0.098 max.)
1.70 (0.067)2)
(t) Land Length
mm
0.25±0.15
0.35±0.15
0.71 max.
0.94 max.
1.14 max.
1.00 max.
1.00 max.
1.30 max.
(in.)
(0.010±0.006)
(0.014±0.006)
(0.028 max.)
(0.037 max.)
(0.045 max.)
(0.039 max.)
(0.039 max.)
(0.051 max.)
Pad Layout
0402
0603
0805
1206
1210
1812
2220
3220
A
1.61 (0.024)
0.89 (0.035)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.00 (0.039)
1.00 (0.039)
2.21 (0.087)
B
1.51 (0.020)
0.76 (0.030)
1.02 (0.040)
2.03 (0.080)
2.03 (0.080)
3.60 (0.142)
4.60 (0.18)
5.79 (0.228)
C
1.70 (0.067)
2.54 (0.100)
3.05 (0.120)
4.06 (0.160)
4.06 (0.160)
5.60 (0.220)
6.60 (0.26)
10.21 (0.402)
D
1.51 (0.020)
0.76 (0.030)
1.27 (0.050)
1.65 (0.065)
2.54 (0.100)
3.00 (0.118)
5.00 (0.20 )
5.50 (0.217)


Similar Part No. - VCAS121026F400RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS121026H560 AVX-VCAS121026H560 Datasheet
669Kb / 8P
   TransGuard Automotive Series
VCAS121026H560 AVX-VCAS121026H560 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS121026F400RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com