Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN80M52RSP Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN80M52RSP
Description  5-pin, low dropout voltage regulator with standby function (500 mA type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80M52RSP Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN80M52RSP Datasheet HTML 1Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 2Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 3Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 4Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 5Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 6Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 7Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 8Page - Panasonic Semiconductor AN80M52RSP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN80MxxRSP Series
5
SFF00009CEB
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 2.9 V, IOUT = 250 mA
1.843
1.9
1.957
V
Line regulation
REGIN
VIN = 2.9 V → 14.0 V, IOUT = 250 mA

19
mV
Load regulation
REGLOA VIN = 2.9 V, IOUT = 0 mA → 500 mA

38
mV
Peak output current
IPEAK
VIN = 2.9 V, The output current value
600
900
mA
when VOUT decreases by 5% from
its value at IOUT = 250 mA.
Bias current under no load
IBIAS
VIN = 2.9 V, IOUT = 0 mA
1.1
3.0
mA
Bias current fluctuation to input
∆I
BIAS(IN)
VIN = 2.9 V → 14.0 V, IOUT = 250 mA
−5
5mA
Bias current fluctuation to load
∆I
BIAS(LOA)
VIN = 2.9 V, IOUT = 0 mA → 500 mA

25
mA
Standby consumption current
ISTB
VIN = 14.0 V, VCONT = 0 V

3.0
µA
Bias current before starting regulation
IRUSH
VIN = 1.805 V, IOUT = 0 A

5mA
Control terminal current
ICONT
VIN = 2.9 V, IOUT = 250 mA

30
µA
VCONT = 1.8 V
Ripple rejection ratio 1
RR1
VIN = 3.9 V±1 V, f = 120 Hz
58.4

dB
IOUT = 100 mA
Minimum input/
VDIF(min)1 VIN = 2.0 V, IOUT = 250 mA
0.25
0.45
V
output voltage difference 1
Minimum input/
VDIF(min)2 VIN = 2.1 V, IOUT = 500 mA

0.8
V
output voltage difference 2
Control terminal threshold high voltage
VCONTH
VIN = 2.9 V
1.45
1.80
V
Control terminal threshold low voltage
VCONTL
VIN = 2.9 V
0.50
0.70
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Ripple rejection ratio 2
RR2
VIN = 3.9 V±1 V, f = 500 kHz
30
dB
IOUT = 100 mA
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz, I
OUT = 100 mA
40
µV[rms]
VIN = 2.9 V, CNR = 1 µF
Output voltage temperature
dVOUT
VIN = 2.9 V, IOUT = 5 mA
±40
 ppm/°C
coefficient
dTa
−30°C ≤ T
a ≤ +125°C
Output short-circuit current
IOSHORT
VIN = 14.0 V, VOUT = GND
300
mA
Overheat protection operating
TjTH
VIN = 2.9 V, IOUT = 5 mA
150
°C
temperature
I Electrical Characteristics at Ta = 25°C (continued)
• AN80M19RSP (1.9 V type)
Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition that
the drift due to the temperature increase in the chip junction part can be neglected. CIN = 3.3 µF, CNR = Open, COUT = 33 µF
• Design reference data
Note) The following values are typical and not guaranteed values.


Similar Part No. - AN80M52RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
   Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8002 PANASONIC-AN8002 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN80M52RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80P50RS PANASONIC-AN80P50RS Datasheet
307Kb / 28P
   5-pin, low dropout voltage regulator with standby function (1 A type)
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537 Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
logo
Texas Instruments
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com