Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM9703 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM9703 Datasheet HTML 1Page - ATMEL Corporation ATSAM9703 Datasheet HTML 2Page - ATMEL Corporation ATSAM9703 Datasheet HTML 3Page - ATMEL Corporation ATSAM9703 Datasheet HTML 4Page - ATMEL Corporation ATSAM9703 Datasheet HTML 5Page - ATMEL Corporation ATSAM9703 Datasheet HTML 6Page - ATMEL Corporation ATSAM9703 Datasheet HTML 7Page - ATMEL Corporation ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ATSAM9703
1710C–DRMSD–12/02
ATSAM9703
Configuration
The firmware can also be modified to fit customer specifications. An ATSAM9703-based
development/prototyping board is available and includes the ATSAM9703, 32 Mbits of
EPROM memory, 32K words of SRAM, a codec and one DAC, providing four channels
of audio Out and a stereo line input (ref. 9703DVB).
The ATSAM9703 internal sound definition format is compatible with the ATSAM9407
sound studio IC. Therefore it is possible to develop specific sounds for the ATSAM9703
by using the development tools of the ATSAM9407.
The ATSAM9703 operates from a “low” frequency 9.6 MHz typical crystal. A built-in PLL
raises this frequency to a 38.4 MHz internal clock which controls the two processors.
Care has been taken that Output pin signals change only when necessary. This mini-
mizes RFI (radio frequency interferences) and power consumption. Minimizing RFI is
mostly important in order to comply with standards such as FCC, CSA and CE.
The core power supply for the ATSAM9703 should be 3.3V ± 10%, while the periphery
supports supply from 3V to 5.5V (5V ± 10% for TTL-compatible applications). Therefore,
by selecting 3.3V ROM, SRAM and DAC, it is possible to develop low-power/low-volt-
age portable applications.
Figure 1. Typical Hardware Configuration
ATSAM9703
CODEC
MIDI IN
Audio
Out
Microphone
Microphone
CleanWave
ROM
RAM


Similar Part No. - ATSAM9703

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9708 ATMEL-ATSAM9708 Datasheet
373Kb / 30P
   Sound Synthesis
ATSAM9708 ATMEL-ATSAM9708 Datasheet
431Kb / 31P
   128-voice Integrated Sound Synthesizer
ATSAM9708 ATMEL-ATSAM9708_06 Datasheet
431Kb / 31P
   128-voice Integrated Sound Synthesizer
More results

Similar Description - ATSAM9703

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
   Sound Synthesis
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
   Sound Synthesis
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
   Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
   Sound Synthesis Single-chip Music System
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com