Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120616VA104G4T2A Datasheet(PDF) 5 Page - AVX Corporation

Part # 120616VA104G4T2A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

120616VA104G4T2A Datasheet(HTML) 5 Page - AVX Corporation

  120616VA104G4T2A Datasheet HTML 1Page - AVX Corporation 120616VA104G4T2A Datasheet HTML 2Page - AVX Corporation 120616VA104G4T2A Datasheet HTML 3Page - AVX Corporation 120616VA104G4T2A Datasheet HTML 4Page - AVX Corporation 120616VA104G4T2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
62
012517
Automotive MLCC - X8R
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0603
0805
1206
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
WVDC
25V
50V
25V
50V
25V
50V
271
Cap
270
G
G
331
(pF)
330
G
G
J
J
471
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
182
1800
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
272
2700
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
392
3900
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
562
5600
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
822
8200
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
123
(μF)
0.012
G
G
J
J
J
J
153
0.015
G
G
J
J
J
J
183
0.018
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
273
0.027
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
393
0.039
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
563
0.056
G
N
N
M
M
683
0.068
G
N
N
M
M
823
0.082
N
N
M
M
104
0.1
N
N
M
M
124
0.12
N
N
M
M
154
0.15
N
N
M
M
184
0.18
N
M
M
224
0.22
N
M
M
274
0.27
MM
334
0.33
MM
394
0.39
M
474
0.47
M
684
0.68
824
0.82
105
1
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206


Similar Part No. - 120616VA104G4T2A

ManufacturerPart #DatasheetDescription
logo
Heyco.
12061 HEYCO-12061 Datasheet
147Kb / 1P
   Nylon Snap Lock Pins
logo
Frontier Electronics.
1206100K FRONTIER-1206100K Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206100K FRONTIER-1206100K Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206100K-LFR FRONTIER-1206100K-LFR Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206101K FRONTIER-1206101K Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 120616VA104G4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com