Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLI-ETD39 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CLI-ETD39
Description  Dimensions for product: ETD39/20/13
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLI-ETD39 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CLI-ETD39_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLI-ETD39_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ETD39/20/13
Core
Product specifications
Power loss: 3C97
Measuring conditions
Unit
Max
100 kHz
W/set
5.800
200 mT
60 ºC
100 kHz
W/set
5.500
200 mT
120 ºC
100 kHz
W/set
6.900
200 mT
140 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
1.700
50 mT
100 ºC
500 kHz
W/set
13.000
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
6.500
50 mT
100 ºC
3000 kHz
W/set
4.200
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
330
250 A/m
100 ºC
3C97
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLI-ETD39
432202133902
Clip
CPH-ETD39-1S-16P
432202133862
Coil former, termoplastic, horizontal
CPH-ETD39-1S-16P-C
432202101651
Coil former, termoplastic, horizontal
2016


Similar Part No. - CLI-ETD39_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLI-ETD39 FERROXCUBE-CLI-ETD39 Datasheet
17Kb / 1P
   ETD cores and accessories
More results

Similar Description - CLI-ETD39_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
BPL-D-CLM-C-P22-13-C FERROXCUBE-BPL-D-CLM-C-P22-13-C Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-1S FERROXCUBE-CP-P22-13-1S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-1S-A FERROXCUBE-CP-P22-13-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-3S FERROXCUBE-CP-P22-13-3S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-2S FERROXCUBE-CP-P22-13-2S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CLI-EFD25 FERROXCUBE-CLI-EFD25_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CSH-EFD25-1S-10P-TZ FERROXCUBE-CSH-EFD25-1S-10P-TZ_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com