Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLCC261-C09 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLCC261-C09
Description  Cable Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLCC261-C09 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLCC261-C09 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLCC261-C09 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
Cable Clamp
SLCC2X1-C09
Rosenberger Hochfrequenztechnik GmbH & Co. KG, Germany
Rosenberger Asia Pacific Electronic Co., Ltd., China
Page
Tel.: +49 8684 18-0
Tel.: +86 10 80481995
Fax: +86 10 80497052
www.rosenberger.de
email: info@rosenberger.de
www.rosenbergerap.com email: info@rosenbergerap.com
2 / 2
Parts list
Number Piece parts
Material
1
Threaded rod M8xL
Stainless steel SUS304
2
Nut M8
Stainless steel SUS304
3
Plain washer
Stainless steel SUS304
4
Plastic cable clamp
Polypropylene
5
Insert
Rubber
6
Spring washer
Stainless steel SUS304
7
Bowl washer
Stainless steel SUS304
8
C-Frame
Stainless steel SUS304
9
Bolt M8x45
Stainless steel SUS304
Environmental data
Temperature
-40°C to +70°C
Salt spray test
96 hr. acc. to MIL-STD-1344:1977 Method 1001.1
UV resistance
300 hr. acc. to ISO 4892-2:2006(E) Method A
RoHS
compliant
Tooling
Hex Wrench
13 mm
Packaging
Standard
10 pcs in bag
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
Part number
Weight / pce
SLCC221-C09
145 g
SLCC241-C09
180 g
SLCC261-C09
220 g
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Robin
08/09/2010
E. Truc-Vallet
05.10.15
d00
15-1343
S. Huber-Siegl
05.10.15


Similar Part No. - SLCC261-C09

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLCC261-C03 ROSENBERGER-SLCC261-C03 Datasheet
245Kb / 2P
   Cable Clamp
More results

Similar Description - SLCC261-C09

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
   Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
   Cable Clamp
logo
CONEC Elektronische Bau...
160X11189X CONEC-160X11189X Datasheet
45Kb / 1P
   CABLE CLAMP SET
logo
Tyco Electronics
5745919-1 MACOM-5745919-1 Datasheet
112Kb / 1P
   CABLE CLAMP KIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com